Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIO1007 Datasheet(PDF) 47 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 47 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 43Page - Microchip Technology SIO1007 Datasheet HTML 44Page - Microchip Technology SIO1007 Datasheet HTML 45Page - Microchip Technology SIO1007 Datasheet HTML 46Page - Microchip Technology SIO1007 Datasheet HTML 47Page - Microchip Technology SIO1007 Datasheet HTML 48Page - Microchip Technology SIO1007 Datasheet HTML 49Page - Microchip Technology SIO1007 Datasheet HTML 50Page - Microchip Technology SIO1007 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 47
SIO1007
14.0
GENERAL PURPOSE I/O
The SIO1007 provides a set of flexible Input/Output control functions to the system designer through the 16 inde-
pendently programmable General Purpose I/O pins (GPIO). The GPIO pins can perform basic I/O and many of them
can be individually enabled to generate an SMI and a PME.
14.1
GPIO Pins
The following pins include GPIO functionality as defined in the table below.
Note 14-1
These pins have input buffers into the wakeup logic that are powered by VTR.
14.2
Description
Each GPIO port has a 1-bit data register. GPIOs are controlled by GPIO control registers located in the Configuration
section. The data register for each GPIO port is represented as a bit in one of the 8-bit GPIO DATA Registers, GP1 and
GP3. The bits in these registers reflect the value of the associated GPIO pin as follows. Pin is an input: The bit is the
value of the GPIO pin. Pin is an output: The value written to the bit goes to the GPIO pin. The value is latched on reads
and writes.
Although the bits in GP1 and GP3 default to 0x00 at VTR POR, the value read is affected by the GPIO pin state. Each
GPIO pin’s state at VCC POR is controlled by the pin’s programmed configuration and the external interface (e.g. input
driven low by external device.) Each GPIO pin has programmable configuration bits in CR31-CR39 which control direc-
tion, output types, polarity, and internal pull-ups. For example, the GPIO internal pull-ups are controlled by CR37 and
CR38 and default at VTR POR to pull-up enabled (logic ‘1’.) If not reprogrammed any open input will have logic ‘1’ at
VCC POR. This will affect the corresponding bit in the GP1 and GP3 runtime register.
The GPIO data registers are located in the Runtime Register block; see the Runtime Registers section. The GPIO ports
with their alternate functions and configuration state register addresses are listed in Table 14-2.
TABLE 14-1:
GPIO PIN FUNCTIONALITY
Name
Power Well
Default On
VTR POR
PME/SMI Function
GP10
VCC (Note 14-1)
Input
PME/SMI
GP11
VCC (Note 14-1)
Input
PME/SMI
GP12/IO_SMI#
VCC (Note 14-1)
Input
IO_SMI#/
PME/SMI
GP13/IRQIN1/CLKI32
VCC (Note 14-1)
Input
PME/SMI
GP14/IRQIN2
VCC (Note 14-1)
Input
PME/SMI
GP15 / CIRRX
VCC (Note 14-1)
Input
PME/SMI
GP16 / CIRTX
VCC (Note 14-1)
Input
PME/SMI
GP17
VCC (Note 14-1)
Input
PME/SMI
GP30
VCC (Note 14-1)
Input
PME
GP31
VCC (Note 14-1)
Input
PME
GP32
VCC (Note 14-1)
Input
PME
GP33
VCC (Note 14-1)
Input
PME
GP34
VCC (Note 14-1)
Input
PME
GP35
VCC (Note 14-1)
Input
PME
GP36
VCC (Note 14-1)
Input
PME
GP37
VCC (Note 14-1)
Input
PME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com