Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIO1007 Datasheet(PDF) 58 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 58 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 54Page - Microchip Technology SIO1007 Datasheet HTML 55Page - Microchip Technology SIO1007 Datasheet HTML 56Page - Microchip Technology SIO1007 Datasheet HTML 57Page - Microchip Technology SIO1007 Datasheet HTML 58Page - Microchip Technology SIO1007 Datasheet HTML 59Page - Microchip Technology SIO1007 Datasheet HTML 60Page - Microchip Technology SIO1007 Datasheet HTML 61Page - Microchip Technology SIO1007 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
SIO1007
DS00002020A-page 58
 2005 - 2015 Microchip Technology Inc.
18.2.2
CONFIGURATION REGISTER PROGRAMMING
The SIO1007 contains configuration registers CR00-CR39. After the SIO1007 enters the configuration state, configura-
tion registers can be programmed by first writing the register index number (00 - 39H) to the Configuration Select Reg-
ister (CSR) through the INDEX PORT and then writing or reading the configuration register contents through the DATA
PORT. Configuration register access remains enabled until the configuration state is explicitly exited.
18.2.3
EXITING THE CONFIGURATION STATE
To exit the configuration state, write one byte of AAH data to the CONFIG PORT. The SIO1007 will automatically deac-
tivate the Configuration Access Ports following this procedure, at which point configuration register access cannot occur
until the configuration state is explicitly re-enabled.
18.2.4
PROGRAMMING EXAMPLE
The following is a configuration register programming example written in Intel 8086 assembly language.
;----------------------------.
; ENTER CONFIGURATION STATE
|
;----------------------------'
MOVDX,02EH;SYSOPT = 0
MOVAX,055H
OUTDX,AL
;----------------------------.
; CONFIGURE REGISTER CR0-CRx |
;----------------------------'
MOVDX,02EH
MOVAL,00H
OUTDX,AL ;Point to CR0
MOVDX,02FH
MOVAL,3FH
OUTDX,AL ;Update CR0
;
MOVDX,02EH
MOVAL,01H
OUTDX,AL ;Point to CR1
MOVDX,02FH
MOVAL,9FH
OUTDX,AL ;Update CR1
;
; Repeat for all CRx registers
;
;-----------------------------.
; EXIT CONFIGURATION STATE
|
;-----------------------------'
MOVDX,02EH
MOVAX,AAH
OUTDX,AL
18.2.5
CONFIGURATION SELECT REGISTER (CSR)
The Configuration Select Register can only be accessed when the SIO1007 is in the configuration state. The CSR is
located at the INDEX PORT address and must be initialized with configuration register index before the register can be
accessed using the DATA PORT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com