Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6985FTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # A6985FTR
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985FTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button A6985FTR Datasheet HTML 26Page - STMicroelectronics A6985FTR Datasheet HTML 27Page - STMicroelectronics A6985FTR Datasheet HTML 28Page - STMicroelectronics A6985FTR Datasheet HTML 29Page - STMicroelectronics A6985FTR Datasheet HTML 30Page - STMicroelectronics A6985FTR Datasheet HTML 31Page - STMicroelectronics A6985FTR Datasheet HTML 32Page - STMicroelectronics A6985FTR Datasheet HTML 33Page - STMicroelectronics A6985FTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
Functional description
A6985F
30/77
DocID027738 Rev 2
Figure 20. The regulator works in CCM
5.6
Switchover feature
The switchover maximizes the efficiency at light-load that is crucial for LCM applications.
5.6.1
LCM
The LCM operation satisfies the high efficiency requirements of the battery powered
applications. In order to minimize the regulator quiescent current request from the input
voltage, the VBIAS pin can be connected to an external voltage source in the range
3 V < VBIAS < 5.5 V (see Section 5.1: Power supply and voltage reference on page 15).
In case the VBIAS pin is connected to the regulated output voltage (VOUT), the total current
drawn from the input voltage can be calculated as:
Equation 14
where IQ OP VIN, IQ OP VBIAS are defined in Table 5: Electrical characteristics on page 8 and
A6985F is the efficiency of the conversion in the working point.
5.6.2
LNM
Equation 14 is also valid when the device works in LNM and it can increase the efficiency at
medium load since the regulator always operates in continuous conduction mode.
IQVIN
IQOPVIN
1
A6985F
--------------------
VBIAS
VIN
--------------- IQOPVBIAS
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com