Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6985FTR Datasheet(PDF) 46 Page - STMicroelectronics

Part # A6985FTR
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985FTR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button A6985FTR Datasheet HTML 42Page - STMicroelectronics A6985FTR Datasheet HTML 43Page - STMicroelectronics A6985FTR Datasheet HTML 44Page - STMicroelectronics A6985FTR Datasheet HTML 45Page - STMicroelectronics A6985FTR Datasheet HTML 46Page - STMicroelectronics A6985FTR Datasheet HTML 47Page - STMicroelectronics A6985FTR Datasheet HTML 48Page - STMicroelectronics A6985FTR Datasheet HTML 49Page - STMicroelectronics A6985FTR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Application notes
A6985F
46/77
DocID027738 Rev 2
7.3
MLF pin
A resistor connected to the MLF pin features the selection of the between low noise mode /
low consumption mode and the different RST thresholds. The pinstrapping is performed at
power-up, before the soft-start takes place. The FSW pin is pinstrapped and then driven
floating in order to minimize the quiescent current from VIN.
Please refer to Table 7 on page 11, Table 8, and Table 9 on page 12 to identify the pull-up /
pull-down resistor value. (LNM, RST threshold 93%) / (LCM, RST threshold 93%) preferred
codifications don't require any external resistor.
7.4
Voltage supervisor
The embedded voltage supervisor (composed of the RST and the DELAY pins) monitors the
regulated output voltage and keeps the RST open collector output in low impedance as long
as the VOUT is out of regulation. In order to ensure a proper reset of digital devices with
a valid power supply, the device can delay the RST assertion with a programmable time.
Figure 33. Voltage supervisor operation
The comparator monitoring the FB voltage has four different programmable thresholds
(80%, 87%, 93%, 96% nominal output voltage) for high flexibility (see Section 7.3: MLF pin,
Table 7 on page 11, Table 8, and Table 9 on page 12).
When the RST comparator detects the output voltage is in regulation, a 2
A internal current
source starts to charge an external capacitor to implement a voltage ramp on the DELAY
pin. The RST open collector is then released as soon as VDELAY = 1.234 V (see Figure 33).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com