Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6985FTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # A6985FTR
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985FTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button A6985FTR Datasheet HTML 32Page - STMicroelectronics A6985FTR Datasheet HTML 33Page - STMicroelectronics A6985FTR Datasheet HTML 34Page - STMicroelectronics A6985FTR Datasheet HTML 35Page - STMicroelectronics A6985FTR Datasheet HTML 36Page - STMicroelectronics A6985FTR Datasheet HTML 37Page - STMicroelectronics A6985FTR Datasheet HTML 38Page - STMicroelectronics A6985FTR Datasheet HTML 39Page - STMicroelectronics A6985FTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
Functional description
A6985F
36/77
DocID027738 Rev 2
Figure 25. VBIAS in heavy short-circuit event
5.8
Overvoltage protection
The overvoltage protection monitors the FB pin and enables the low-side MOSFET to
discharge the output capacitor if the output voltage is 20% over the nominal value.
This is a second level protection and should never be triggered in normal operating
conditions if the system is properly dimensioned. In other words, the selection of the
external power components and the dynamic performance determined by the compensation
network should guarantee an output voltage regulation within the overvoltage threshold
even during the worst case scenario in term of load transitions.
The protection is reliable and also able to operate even during normal load transitions for
a system whose dynamic performance is not in line with the load dynamic request. As
a consequence the output voltage regulation would be affected.
Figure 26 shows the overvoltage operation during a negative steep load transient for
a system designed with huge inductor value and small output capacitor. The inductor value
limits the switch current slew rate and the extra charge flowing into the small capacitor value
generates an overvoltage event. This can be considered as an example for a system with
dynamic performance not in line with the load request.
The A6985F device implements a 1 A typ. negative current limitation to limit the maximum
reversed switch current during the overvoltage operation.
VBIAS pin voltage
regulated output voltage
inductor current
switching node
(purple)
(cyan)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com