Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3LIS200DL Datasheet(PDF) 18 Page - STMicroelectronics

Part # H3LIS200DL
Description  MEMS motion sensor: low-power high-g 3-axis digital accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS200DL Datasheet(HTML) 18 Page - STMicroelectronics

Back Button H3LIS200DL Datasheet HTML 14Page - STMicroelectronics H3LIS200DL Datasheet HTML 15Page - STMicroelectronics H3LIS200DL Datasheet HTML 16Page - STMicroelectronics H3LIS200DL Datasheet HTML 17Page - STMicroelectronics H3LIS200DL Datasheet HTML 18Page - STMicroelectronics H3LIS200DL Datasheet HTML 19Page - STMicroelectronics H3LIS200DL Datasheet HTML 20Page - STMicroelectronics H3LIS200DL Datasheet HTML 21Page - STMicroelectronics H3LIS200DL Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Digital interfaces
H3LIS200DL
18/38
DocID027505 Rev 2
5.1.1
I2C operation
The transaction on the bus is started through a START (ST) signal. A START condition is
defined as a high-to-low transition on the data line while the SCL line is held high. After this
has been transmitted by the master, the bus is considered busy. The next byte of data
transmitted after the START condition contains the address of the slave in the first 7 bits and
the eighth bit tells whether the master is receiving data from the slave or transmitting data to
the slave. When an address is sent, each device in the system compares the first seven bits
after a START condition with its address. If they match, the device considers itself
addressed by the master.
The slave address (SAD) associated to the H3LIS200DL is 001100xb. The SDO/SA0 pad
can be used to modify the less significant bit of the device address. If the SA0 pad is
connected to the voltage supply, LSB is ‘1’ (address 0011001b) or else, if the SA0 pad is
connected to ground, the LSB value is ‘0’ (address 0011000b). This solution allows the
connection and addressing of two different accelerometers to the same I2C lines.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line
during the acknowledge pulse. The receiver must then pull the data line low so that it
remains stable low during the high period of the acknowledge clock pulse. A receiver which
has been addressed is obliged to generate an acknowledge after each byte of data
received.
The I2C embedded inside the H3LIS200DL behaves like a slave device and the following
protocol must be adhered to. After the START condition (ST) a slave address is sent, once a
slave acknowledge (SAK) has been returned, an 8-bit sub-address (SUB) is transmitted: the
7 LSB represent the actual register address while the MSB enables address auto increment.
If the MSB of the SUB field is ‘1’, the SUB (register address) is automatically increased to
allow multiple data read/write.
The slave address is completed with a Read/Write bit. If the bit is ‘1’ (read), a repeated
START (SR) condition must be issued after the two sub-address bytes; if the bit is ‘0’ (write),
the master transmits to the slave with the direction unchanged. Table 10 explains how the
SAD+Read/Write bit pattern is composed, listing all the possible configurations.
Table 10. SAD+Read/Write patterns
Command
SAD[6:1]
SAD[0] = SA0
R/W
SAD+R/W
Read
001100
0
1
00110001 (31h)
Write
001100
0
0
00110000 (30h)
Read
001100
1
1
00110011 (33h)
Write
001100
1
0
00110010 (32h)
Table 11. Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com