Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3LIS200DL Datasheet(PDF) 20 Page - STMicroelectronics

Part # H3LIS200DL
Description  MEMS motion sensor: low-power high-g 3-axis digital accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS200DL Datasheet(HTML) 20 Page - STMicroelectronics

Back Button H3LIS200DL Datasheet HTML 16Page - STMicroelectronics H3LIS200DL Datasheet HTML 17Page - STMicroelectronics H3LIS200DL Datasheet HTML 18Page - STMicroelectronics H3LIS200DL Datasheet HTML 19Page - STMicroelectronics H3LIS200DL Datasheet HTML 20Page - STMicroelectronics H3LIS200DL Datasheet HTML 21Page - STMicroelectronics H3LIS200DL Datasheet HTML 22Page - STMicroelectronics H3LIS200DL Datasheet HTML 23Page - STMicroelectronics H3LIS200DL Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Digital interfaces
H3LIS200DL
20/38
DocID027505 Rev 2
5.2
SPI bus interface
The H3LIS200DL SPI is a bus slave. The SPI allows the writing and reading of the device
registers.
The serial interface interacts with the outside world with 4 wires: CS, SPC, SDI and SDO.
Figure 6. Read and write protocol
CS is the serial port enable and it is controlled by the SPI master. It goes low at the start of
the transmission and goes back high at the end. SPC is the serial port clock and it is
controlled by the SPI master. It is stopped high when CS is high (no transmission). SDI and
SDO are respectively the serial port data input and output. Those lines are driven at the
falling edge of SPC and should be captured at the rising edge of SPC.
Both the read register and write register commands are completed in 16 clock pulses or in
multiples of 8 in the case of multiple read/write bytes. Bit duration is the time between two
falling edges of SPC. The first bit (bit 0) starts at the first falling edge of SPC after the falling
edge of CS while the last bit (bit 15, bit 23, ...) starts at the last falling edge of SPC just
before the rising edge of CS.
bit 0: RW bit. When 0, the data DI(7:0) is written into the device. When 1, the data DO(7:0)
from the device is read. In the latter case, the chip drives SDO at the start of bit 8.
bit 1: MS bit. When 0, the address remains unchanged in multiple read/write commands.
When 1, the address is auto-incremented in multiple read/write commands.
bit 2-7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written into the device (MSB first).
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSB first).
In multiple read/write commands further blocks of 8 clock periods are added. When the MS
bit is ‘0’, the address used to read/write data remains the same for every block. When the
MS bit is ‘1’ the address used to read/write data is increased at every block.
The function and the behavior of SDI and SDO remain unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com