Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3LIS200DL Datasheet(PDF) 33 Page - STMicroelectronics

Part # H3LIS200DL
Description  MEMS motion sensor: low-power high-g 3-axis digital accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS200DL Datasheet(HTML) 33 Page - STMicroelectronics

Back Button H3LIS200DL Datasheet HTML 29Page - STMicroelectronics H3LIS200DL Datasheet HTML 30Page - STMicroelectronics H3LIS200DL Datasheet HTML 31Page - STMicroelectronics H3LIS200DL Datasheet HTML 32Page - STMicroelectronics H3LIS200DL Datasheet HTML 33Page - STMicroelectronics H3LIS200DL Datasheet HTML 34Page - STMicroelectronics H3LIS200DL Datasheet HTML 35Page - STMicroelectronics H3LIS200DL Datasheet HTML 36Page - STMicroelectronics H3LIS200DL Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
DocID027505 Rev 2
33/38
H3LIS200DL
Register description
38
The D6 - D0 bits set the minimum duration of the interrupt 1 event to be recognized.
Duration steps and maximum values depend on the ODR chosen.
7.17
INT2_CFG (34h)
Configuration register for interrupt 2 source.
Table 45. INT1_DURATION description
D6 - D0
Duration value. Default value: 000 0000
Table 46. INT2_CFG register
AOI
0
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
Table 47. INT2_CFG description
AOI
AND/OR combination of interrupt events. Default value: 0.
(See Table 48)
ZHIE
Enable interrupt generation on Z high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
ZLIE
Enable interrupt generation on Z low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
YHIE
Enable interrupt generation on Y high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
YLIE
Enable interrupt generation on Y low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
XHIE
Enable interrupt generation on X high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
XLIE
Enable interrupt generation on X low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
Table 48. Interrupt mode configuration
AOI
Interrupt mode
0
OR combination of interrupt events
1
AND combination of interrupt events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com