Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPC56EL60L5CFQY Datasheet(PDF) 64 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 64 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 60Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 61Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 62Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 63Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 64Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 65Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 66Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 67Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
64/137
DocID026934 Rev 1
2.3
System pins
Note:
None of system pins (except RESET) provides an open drain output.
2.4
Pin muxing
Table 7 defines the pin list and muxing for this device.
Each entry of Table 7 shows all the possible configurations for each pin, via the alternate
functions. The default function assigned to each pin after reset is indicated by ALT0.
Note:
Pins labeled “NC” are to be left unconnected. Any connection to an external circuit or
voltage may cause unpredictable device behavior or damage.
Note:
Pins labeled “Reserved” are to be tied to ground. Not doing so may cause unpredictable
device behavior.
Table 6. System pins
Symbol
Description
Direction
Pin #
144
pkg
257
pkg
Dedicated pins
MDO0(1)
Nexus Message Data Output — line
Output only
9
E1
NMI(2)
Non Maskable Interrupt
Input only
1
E4
XTAL
Input for oscillator amplifier circuit and internal clock generator
Input only
29
N1
EXTAL(3)
Oscillator amplifier output
Input/Output(4)
30
R1
TMS(2)
JTAG state machine control
Input only
87
M16
TCK(2)
JTAG clock
Input only
88
L15
JCOMP(5)
JTAG compliance select
Input only
123
C10
Reset pin
RESET
Bidirectional reset with Schmitt-Trigger characteristics and noise
filter. This pin has medium drive strength. Output drive is open drain
and must be terminated by an external resistor of value 1KOhm.(6)
Bidirectional
31
P2
Test pin
VPP TEST
Pin for testing purpose only. To be tied to ground in normal
operating mode.
107
D15
1.
This pad is configured for Fast (F) pad speed.
2.
This pad contains a weak pull-up.
3.
EXTAL is an "Output" in "crystal" mode, and is an "Input" in "ext clock" mode.
4.
In XOSC Bypass Mode, the analog portion of crystal oscillator (amplifier) is disabled. An external clock can be applied at
EXTAL as an input. In XOSC Normal Mode, EXTAL is an output
5.
This pad contains a weak pull-down.
6.
RESET output shall be considered valid only after the 3.3V supply reaches its stable value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com