Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPC56EL60L5CFQY Datasheet(PDF) 84 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 84 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 80Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 81Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 82Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 83Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 84Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 85Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 86Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 87Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 137 page
background image
Electrical characteristics
RPC56EL60L5
84/137
DocID026934 Rev 1
3
Electrical characteristics
3.1
Introduction
This section contains detailed information on power considerations, DC/AC electrical
characteristics, and AC timing specifications for this device.
This device is designed to operate at 120 MHz. The electrical specifications are preliminary
and are from previous designs, design simulations, or initial evaluation. These specifications
may not be fully tested or guaranteed at this early stage of the product life cycle. Finalized
specifications will be published after complete characterization and device qualifications
have been completed.
The “Symbol” column of the electrical parameter and timings tables contains an additional
column containing “SR”, “CC”, “P”, “C”, “T”, or “D”.
“SR” identifies system requirements—conditions that must be provided to ensure
normal device operation. An example is the input voltage of a voltage regulator.
“CC” identifies controller characteristics—indicating the characteristics and timing of
the signals that the chip provides.
“P”, “C”, “T”, or “D” apply only to controller characteristics—specifications that define
normal device operation. They specify how each characteristic is guaranteed.
–
P: parameter is guaranteed by production testing of each individual device.
–
C: parameter is guaranteed by design characterization. Measurements are taken
from a statistically relevant sample size across process variations.
–
T: parameter is guaranteed by design characterization on a small sample size
from typical devices under typical conditions unless otherwise noted. All values
are shown in the typical (“typ”) column are within this category.
–
D: parameters are derived mainly from simulations.
3.2
Absolute maximum ratings
Table 8. Absolute maximum ratings(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VDD_HV_REG
SR
3.3 V voltage regulator supply voltage
—
–0.3
4.5(2), (3)
V
VDD_HV_IOx
SR
3.3 V input/output supply voltage
—
–0.3
4.5 (2), (3)
V
VSS_HV_IOx
SR
Input/output ground voltage
—
–0.1
0.1
V
VDD_HV_FLA
SR
3.3 V flash supply voltage
—
–0.3
4.5 (2), (3)
V
VSS_HV_FLA
SR
Flash memory ground
—
–0.1
0.1
V
VDD_HV_OSC
SR
3.3 V crystal oscillator amplifier supply
voltage
—–0.3
4.5 (2), (3)
V
VSS_HV_OSC
SR
3.3 V crystal oscillator amplifier reference
voltage
—–0.1
0.1
V
VDD_HV_ADR0
(2)(3)
VDD_HV_ADR1
SR
3.3 V / 5.0 V ADC_0 high reference
voltage
3.3 V / 5.0 V ADC_1 high reference
voltage
—–0.3
6.4 (2)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com