Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPC56EL60L5CFQY Datasheet(PDF) 94 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 94 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 90Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 91Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 92Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 93Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 94Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 95Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 96Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 97Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 137 page
background image
Electrical characteristics
RPC56EL60L5
94/137
DocID026934 Rev 1
Figure 4. BCP68 board schematic example
Note:
The minimum value of the ESR is constrained by the resonance caused by the external
components, bonding inductance, and internal decoupling. The minimum ESR is required to
avoid the resonance and make the regulator stable.
—
SR
Supply ramp rate
—
3 V/s
—
0.5 V/µs
—
—D
LVD_MAIN: Time
constant of RC filter at
LVD input
3.3V noise rejection at
the input of
LVD comparator
1.1
—
—
µs
—D
HVD_DIG: Time
constant of RC filter at
LVD input
1.2V noise rejection at
the input of
LVD comparator
0.1
—
—
µs
—D
LVD_DIG: Time
constant of RC filter at
LVD input
1.2V noise rejection at
the input of
LVD comparator
0.1
—
—
µs
Table 17. Voltage regulator electrical specifications (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BCRTL
Cext
Cint
Rb
Lb
Rs
V1V2 ring on board
VDD
V1V2 pin
ESR
Cv1v2
RPC56EL60L5
BCP68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com