Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1ML Datasheet(PDF) 16 Page - STMicroelectronics

Part # SP1ML
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SP1ML Datasheet HTML 12Page - STMicroelectronics SP1ML Datasheet HTML 13Page - STMicroelectronics SP1ML Datasheet HTML 14Page - STMicroelectronics SP1ML Datasheet HTML 15Page - STMicroelectronics SP1ML Datasheet HTML 16Page - STMicroelectronics SP1ML Datasheet HTML 17Page - STMicroelectronics SP1ML Datasheet HTML 18Page - STMicroelectronics SP1ML Datasheet HTML 19Page - STMicroelectronics SP1ML Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Module operation
SP1ML
16/27
DocID026906 Rev 4
Table 9. Command reference
Command
Description
ATO
Enter operating mode
This command is issued to exit command mode and enter operating mode where the
module fulfills its primary purpose as a wireless transceiver using the current configuration.
Response: OK
AT/V
Read module version information
Reports the module hardware and firmware version information.
Response:
SP1ML-xxx HW:Vy FW:Vy.zz
Where xxx is 868 or 915, y is a single digit major version number and zz is a double digit
minor version number.
ATIn
Read an information register
Reads the current value from an information register, where n is the information register
number.
See information registers table.
Response:
<REGISTER NUMBER>:<REGISTER NAME>=<VALUE>
ERROR PARAM if an invalid register is specified.
ATSnn?
Read a configuration register
Reads the current value from a configuration register, where nn is the configuration register
number.
See configuration registers section.
Response:
<REGISTER NUMBER>:<REGISTER NAME>=<VALUE>
ERROR PARAM if an invalid register number is specified.
ATSnn=x
Write a configuration register
Writes a new value to a configuration register, where nn is the configuration register number
and x is the value. The new configuration will be in effect until the next module reset.
See configuration registers section.
Response: OK if the value is written successfully.
ERROR PARAM if an invalid register number is specified.
ERROR VALUE if an invalid value is specified.
AT/S
Read all configuration registers
Reads the current values of all configuration registers.
See the configuration registers section.
Response: (one line for each register)
<REGISTER NUMBER>:<REGISTER NAME>=<VALUE>
AT/C
Store the current configuration
Stores the current module configuration registers. The stored configuration will be reloaded
anytime the module is reset.
Response: OK if the configuration is stored successfully.
ERROR if storing the configuration failed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com