Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1ML Datasheet(PDF) 18 Page - STMicroelectronics

Part # SP1ML
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SP1ML Datasheet HTML 14Page - STMicroelectronics SP1ML Datasheet HTML 15Page - STMicroelectronics SP1ML Datasheet HTML 16Page - STMicroelectronics SP1ML Datasheet HTML 17Page - STMicroelectronics SP1ML Datasheet HTML 18Page - STMicroelectronics SP1ML Datasheet HTML 19Page - STMicroelectronics SP1ML Datasheet HTML 20Page - STMicroelectronics SP1ML Datasheet HTML 21Page - STMicroelectronics SP1ML Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Module operation
SP1ML
18/27
DocID026906 Rev 4
Table 10. Configuration registers
#
Name
Description
S00
BAUD_RATE
General: Baud rate of the UART interface in bps. The baud rate is
stored when the configuration is stored.
Values:
Most standard baud rates from 9600 to 921600.
Default: 115200
S01
FREQUENCY
Radio: Frequency in Hz.
Values:
Must be within the operating frequency range of the module.
Default:
868000000 (for SP1ML-868)
915000000 (for SP1ML-915)
S02
DATA_RATE
Radio: Data rate in bps. The data rate for OOK and ASK modulation
schemes is limited to 250000bps.
Values:
From 1000 to 500000
Default: 38400
S03
MODULATION
Radio: Modulation scheme.
Values:
0 = 2-FSK
1 = GFSK05
2 = GFSK1
3 = GMSK
4 = OOK
5 = ASK
Default: 0
S04
OUTPUT_POWER
Radio: Output power in dBm.
Values: -34 to +11.6
Default: +11.6
S05
FREQ_DEVIATION
Radio: Frequency deviation in kHz.
Values: Up to 732
Default: 20
S06
RX_FILTER
Radio: RX digital filter cutoff frequency in kHz.
Values: Up to 769
Default: 100
S07
CS_MODE
Radio: Carrier sense mode.
Values:
0 = Static sensing
1 = Dynamic sensing with 6 dB dynamic threshold
2 = Dynamic sensing with 12 dB dynamic threshold
3 = Dynamic sensing with 18 dB dynamic threshold
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com