Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1ML Datasheet(PDF) 20 Page - STMicroelectronics

Part # SP1ML
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SP1ML Datasheet HTML 16Page - STMicroelectronics SP1ML Datasheet HTML 17Page - STMicroelectronics SP1ML Datasheet HTML 18Page - STMicroelectronics SP1ML Datasheet HTML 19Page - STMicroelectronics SP1ML Datasheet HTML 20Page - STMicroelectronics SP1ML Datasheet HTML 21Page - STMicroelectronics SP1ML Datasheet HTML 22Page - STMicroelectronics SP1ML Datasheet HTML 23Page - STMicroelectronics SP1ML Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Module operation
SP1ML
20/27
DocID026906 Rev 4
S18
BROADCAST_ADDR
Address: The 8-bit broadcast address, used for broadcast filtering on
received packets.
Values: Any 8-bit hexadecimal value.
Default: 0xff
S19
FILTER_CRC
Address: Filter packets that have an invalid CRC.
Values:
0 = Disabled, 1 = Enabled
Default: 0
S20
FILTER_SOURCE
Address: Filter packets that do not have a source address that
matches the address specified in register S16.
Values:
0 = Disabled, 1 = Enabled
Default: 0
S21
FILTER_DESTINATION
Address: Filter packets that do not have a destination address that
matches the modules source address specified in register S15.
Values:
0 = Disabled, 1 = Enabled
Default: 0
S22
FILTER_MULTICAST
Address: Filter packets that do not have a destination address that
matches the multicast address in specified in register S17.
Values:
0 = Disabled, 1 = Enabled
Default: 0
S23
FILTER_BROADCAST
Address: Filter packets that do not have a destination address that
matches the broadcast address in specified in register S18.
Values:
0 = Disabled, 1 = Enabled
Default: 0
S24
TXRX_LED
General: Enable or disable the TX/RX LED output on module pin 1.
When enabled, the LED output will be flashed when data is sent or
received by the radio.
Values:
0 = Disabled, 1 = Active-Low Open Drain Output, 2 = Push Pull Output
Default: 0
S26
ESCAPE_SEQ
General: Enable or disable the ‘+++’ escape sequence used to enter
command mode. This configuration is never stored and will be enabled
at module reset.
Values:
0 = Disabled, 1 = Enabled
Default: 1
Table 10. Configuration registers (continued)
#
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com