Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65DRF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW60H65DRF
Description  60 A, 650 V field stop trench gate IGBT with Ultrafast diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DRF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW60H65DRF Datasheet HTML 3Page - STMicroelectronics STGW60H65DRF Datasheet HTML 4Page - STMicroelectronics STGW60H65DRF Datasheet HTML 5Page - STMicroelectronics STGW60H65DRF Datasheet HTML 6Page - STMicroelectronics STGW60H65DRF Datasheet HTML 7Page - STMicroelectronics STGW60H65DRF Datasheet HTML 8Page - STMicroelectronics STGW60H65DRF Datasheet HTML 9Page - STMicroelectronics STGW60H65DRF Datasheet HTML 10Page - STMicroelectronics STGW60H65DRF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID022346 Rev 6
7/13
STGW60H65DRF
Electrical characteristics
Figure 14. Turn-OFF SOA
Figure 15. Short circuit time & current vs. VGE
Figure 16. Diode forward current vs. forward
voltage
Figure 17. Diode forward current vs. junction
temperature
Figure 18. Reverse recovery current as a
function of diode current slope
Figure 19. Reverse recovery time as a function
of diode current slope
AM11859v1
0.01
0.1
1
10
100
0.1
1
10
100
IC (A)
VCE (V)
VGE = 15 V, RG = 10Ω
TC = 150 °C
AM11860v1
50
150
250
350
2.5
5
7.5
10
12.5
15
17.5
20
9
101112131415
ISC (A)
tsc (μs)
VGE (V)
VCC= 400V, TC = 25°C
tSC
ISC
AM12739v1
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
10
15
20
25
30
35
40
45
50
55
60
VF (V)
IF (A)
Tj = - 40°C
Tj = 25°C
Tj = 150°C
AM12740v1
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-50
-25
0
25
50
75
100
125
150
VF (V)
TJ (°C)
IF = 15 A
IF = 30 A
IF = 60 A
AM12741v1
4
8
12
16
20
24
250
750
1250
1750
Irm (A)
di/dt (A/µs)
VCC = 400V, VGE = 15V, IC = 60A
TJ = 25 °C
TJ = 125 °C ---
AM12742v1
10
20
30
40
50
60
250
750
1250
1750
trr (ns)
di/dt (A/µs)
VCC = 400V, VGE = 15V, IC = 60A
TJ = 25 °C
TJ = 125 °C ---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com