Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65DRF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGW60H65DRF
Description  60 A, 650 V field stop trench gate IGBT with Ultrafast diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DRF Datasheet(HTML) 3 Page - STMicroelectronics

  STGW60H65DRF Datasheet HTML 1Page - STMicroelectronics STGW60H65DRF Datasheet HTML 2Page - STMicroelectronics STGW60H65DRF Datasheet HTML 3Page - STMicroelectronics STGW60H65DRF Datasheet HTML 4Page - STMicroelectronics STGW60H65DRF Datasheet HTML 5Page - STMicroelectronics STGW60H65DRF Datasheet HTML 6Page - STMicroelectronics STGW60H65DRF Datasheet HTML 7Page - STMicroelectronics STGW60H65DRF Datasheet HTML 8Page - STMicroelectronics STGW60H65DRF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID022346 Rev 6
3/13
STGW60H65DRF
Electrical characteristics
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 2 mA
650
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 60 A
1.9
2.4
V
VGE = 15 V, IC = 60 A
TJ = 125 °C
2.1
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
6.0
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 650 V
25
µA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
250
nA
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
7150
275
140
-
pF
pF
pF
Qg
Total gate charge
VCC = 400 V, IC = 60 A,
VGE = 15 V
-217
-
nC
Qge
Gate-emitter charge
-
67
-
nC
Qgc
Gate-collector charge
-
97
-
nC
Table 6. Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCE = 400 V, IC = 60 A,
RG = 10 , VGE = 15 V
-
85
33
1800
-
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCE = 400 V, IC = 60 A,
RG = 10 , VGE = 15 V
TJ = 125 °C
-
82
35
1680
-
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCE = 400 V, IC = 60 A,
RG = 10 , VGE = 15 V
-
34
178
30
-
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCE = 400 V, IC = 60 A,
RG = 10 , VGE = 15 V
TJ = 125 °C
-
45
205
70
-
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com