Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65DRF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGW60H65DRF
Description  60 A, 650 V field stop trench gate IGBT with Ultrafast diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DRF Datasheet(HTML) 4 Page - STMicroelectronics

  STGW60H65DRF Datasheet HTML 1Page - STMicroelectronics STGW60H65DRF Datasheet HTML 2Page - STMicroelectronics STGW60H65DRF Datasheet HTML 3Page - STMicroelectronics STGW60H65DRF Datasheet HTML 4Page - STMicroelectronics STGW60H65DRF Datasheet HTML 5Page - STMicroelectronics STGW60H65DRF Datasheet HTML 6Page - STMicroelectronics STGW60H65DRF Datasheet HTML 7Page - STMicroelectronics STGW60H65DRF Datasheet HTML 8Page - STMicroelectronics STGW60H65DRF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STGW60H65DRF
4/13
DocID022346 Rev 6
Table 7. Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in Figure 23. If the IGBT is offered
in a package with a co-pack diode, the co-pack diode is used as external diode. IGBTs and diode are at the
same temperature (25 °C and 125 °C).
2.
Turn-off losses include also the tail of the collector current.
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCE = 400 V, IC = 60 A,
RG = 10 , VGE = 15 V
-
0.94
1.06
2.0
-
mJ
mJ
mJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCE = 400 V, IC = 60 A,
RG = 10 , VGE = 15 V
TJ = 125 °C
-
1.48
1.4
2.88
-
mJ
mJ
mJ
Table 8. Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on-voltage
IF = 60 A
IF = 60 A, TJ = 150 °C
-
3.7
2.2
4.8
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 60 A, VR = 400 V,
di/dt = 1700 A/µs
-
19
200
15.5
-
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 60 A, VR = 400 V,
di/dt = 1630 A/µs
TJ = 125 °C
-
34
780
46
-
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com