Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5294IPFPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPR
Description  Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 33Page - Texas Instruments ADS5294IPFPR Datasheet HTML 34Page - Texas Instruments ADS5294IPFPR Datasheet HTML 35Page - Texas Instruments ADS5294IPFPR Datasheet HTML 36Page - Texas Instruments ADS5294IPFPR Datasheet HTML 37Page - Texas Instruments ADS5294IPFPR Datasheet HTML 38Page - Texas Instruments ADS5294IPFPR Datasheet HTML 39Page - Texas Instruments ADS5294IPFPR Datasheet HTML 40Page - Texas Instruments ADS5294IPFPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
ADS5294
www.ti.com
SLAS776D – NOVEMBER 2011 – REVISED SEPTEMBER 2015
Table 4. PLL Configuration When Decimation by 4 is Used
ADC Fs
FUNCTION
REGISTER ADDRESS
REGISTER DATA
Fs
≤ 48
Disable PLL auto state switch and put
0xD1
0x0040
PLL in state 1
36
≤ Fs ≤ 80
Disable PLL auto state switch and put
0xD1
0x00C0
PLL in state 2
Fs
≥ 72
Disable PLL auto state switch and put
0xD1
0x0140
PLL in state 3
Table 5. PLL Configuration When Decimation by 8 is Used
ADC Fs
FUNCTION
REGISTER ADDRESS
REGISTER DATA
Fs
≤ 80
Disable PLL auto state switch and put
0xD1
0x0040
PLL in state 1
72
≤ Fs ≤ 80
Disable PLL auto state switch and put
0xD1
0x00C0
PLL in state 2
9.4 Device Functional Modes
ADC Output Resolution and LVDS Serialization Rate Modes: The LVDS serialization rate can be programmed as
10, 12, 14, or 16 bits by the EN_BIT_SER register bit.
Output Data Rate Modes: The density of output data payload can be set to 1X or 2X mode by using the EN_SDR
register bit. The maximum data rate (in bits per sec) of the LVDS interface is limited. In addtion, the LVDS data
can be distributed by one pair LVDS data lane or two pairs of LVDS data lanes. Please see the description of
Registers 0x50 to 0x55 in the Programmable Mapping Between Input Channels and Output Pins section. When
the decimation feature is used, the LVDS output rate can be reduced to 1/2, 1/4, and 1/8 of ADC sampling rate
as Output Data Rate Control shows. The flexible output data rate modes give users a wide selection of different
speed FPGAs.
Power Modes: The device can be configured via SPI or pin settings to a complete power-down mode and via pin
settings to a partial power-down (standby mode). During these two modes (complete and partial power-down),
different internal functions stay powered up, resulting in different power consumption and wake-up times. In the
partial power-down mode, all LVDS data lanes are powered down. The bit clock and frame clock lanes remain
enabled to save time to sync again on the receiver side. However, in the complete power-down mode all lanes
are powered down and thus this mode requires more time to wake-up because the bit clock and frame clock
lanes must sync again with the receiver device.
LVDS Test Pattern Mode: The ADC data coming out of the LVDS outputs can be replaced by different kinds of
test patterns. Note that the test patterns replace the data streaming out of the ADCs. The different test patterns
are described in LVDS Test Patterns.
9.5 Programming
9.5.1 Serial Interface
ADS5294 has a set of internal registers that can be accessed by the serial interface formed by pins CSZ (Serial
interface Enable – Active Low), SCLK (Serial Interface Clock), and SDATA (Serial Interface Data).
When CSZ is low,
•
Serial shift of bits into the device is enabled
•
Serial data (SDATA) is latched at every rising edge of SCLK
•
SDATA is loaded into the register at every 24th SCLK rising edge.
If the word length exceeds a multiple of 24 bits, the excess bits are ignored. Data can be loaded in multiples of
24-bit words within a single active CSZ pulse. The first eight bits form the register address and the remaining 16
bits form the register data. The interface works with SCLK frequencies from 15 MHz down to very low speeds (a
few Hertz) and also with non-50% SCLK duty cycle.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com