Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB80NF55-06T Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB80NF55-06T
Description  Switching application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-06T Datasheet(HTML) 1 Page - STMicroelectronics

  STB80NF55-06T Datasheet HTML 1Page - STMicroelectronics STB80NF55-06T Datasheet HTML 2Page - STMicroelectronics STB80NF55-06T Datasheet HTML 3Page - STMicroelectronics STB80NF55-06T Datasheet HTML 4Page - STMicroelectronics STB80NF55-06T Datasheet HTML 5Page - STMicroelectronics STB80NF55-06T Datasheet HTML 6Page - STMicroelectronics STB80NF55-06T Datasheet HTML 7Page - STMicroelectronics STB80NF55-06T Datasheet HTML 8Page - STMicroelectronics STB80NF55-06T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2012
Doc ID 022702 Rev 1
1/15
15
STB80NF55-06T
N-channel 55 V, 5 m
Ω, 80 A STripFET™ II Power MOSFET
in a D²PAK package
Features
■ Exceptional dv/dt capability
Applications
■ Switching application
■ Automotive
Description
This Power MOSFET has been developed using
STMicroelectronics’ unique STripFET process,
which is specifically designed to minimize input
capacitance and gate charge. This renders the
device suitable for use as primary switch in
advanced high-efficiency isolated DC-DC
converters for telecom and computer applications,
and applications with low gate charge driving
requirements.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on) max.
ID
STB80NF55-06T
55 V
< 6.5 m
Ω
80A
D²PAK
1
3
TAB
Table 1.
Device summary
Order code
Marking
Package
Packaging
STB80NF55-06T
B80NF55-06T
D²PAK
Tape and reel
www.st.com


Similar Part No. - STB80NF55-06T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55-06T4 STMICROELECTRONICS-STB80NF55-06T4 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STB80NF55-06T4 STMICROELECTRONICS-STB80NF55-06T4 Datasheet
449Kb / 17P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
24-Oct-2006
More results

Similar Description - STB80NF55-06T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
Switching Application
KSR2009 FAIRCHILD-KSR2009 Datasheet
32Kb / 4P
Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com