Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB80NF55-06T Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB80NF55-06T
Description  Switching application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-06T Datasheet(HTML) 4 Page - STMicroelectronics

  STB80NF55-06T Datasheet HTML 1Page - STMicroelectronics STB80NF55-06T Datasheet HTML 2Page - STMicroelectronics STB80NF55-06T Datasheet HTML 3Page - STMicroelectronics STB80NF55-06T Datasheet HTML 4Page - STMicroelectronics STB80NF55-06T Datasheet HTML 5Page - STMicroelectronics STB80NF55-06T Datasheet HTML 6Page - STMicroelectronics STB80NF55-06T Datasheet HTML 7Page - STMicroelectronics STB80NF55-06T Datasheet HTML 8Page - STMicroelectronics STB80NF55-06T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STB80NF55-06T
4/15
Doc ID 022702 Rev 1
2
Electrical characteristics
(TCASE= 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS =0
55
V
VBR0
VGS= 1.5 V, ID = 250 µA
40
V
VBR1
VGS= 1.5 V, ID = 10 mA
40
V
VBR2
VGS= 1.5 V, ID = 100 mA
40
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 55 V
VDS = 55 V, TC = 125 °C
10
100
µA
µA
IGSS
(1)
1.
Tested @VGS= ±22 V at wafer level.
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
VGS(th)
(2)
2.
Guaranteed by process.
Tj=175 °C, VDS = VGS
ID = 1 mA
1V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 40 A
5.0
6.5
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
4400
1020
350
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 27 V, ID = 60 A
RG =4.7 Ω VGS = 10 V
(see Figure 13)
-
27
155
125
65
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 44 V, ID = 80 A,
VGS = 4.5 V, RG = 10 Ω
(see Figure 14)
-
142
29
60.5
193
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com