Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI300N4F6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STI300N4F6
Description  N-channel 40 V, 1.7 mΩ typ., 160 A, STripFET™ VI DeepGATE™ Power MOSFET in a I²PAK package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI300N4F6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STI300N4F6 Datasheet HTML 2Page - STMicroelectronics STI300N4F6 Datasheet HTML 3Page - STMicroelectronics STI300N4F6 Datasheet HTML 4Page - STMicroelectronics STI300N4F6 Datasheet HTML 5Page - STMicroelectronics STI300N4F6 Datasheet HTML 6Page - STMicroelectronics STI300N4F6 Datasheet HTML 7Page - STMicroelectronics STI300N4F6 Datasheet HTML 8Page - STMicroelectronics STI300N4F6 Datasheet HTML 9Page - STMicroelectronics STI300N4F6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STI300N4F6
6/13
Doc ID 18062 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
DS
(on)
10ms
1ms
100µs
Tj=175°C
Tc=25°C
Single
pulse
100
AM15605v1
Single pulse
0.05
0.02
0.01
δ=0.5
K
10
tp(s)
-4
10
-3
10
-2
10
10
-1
10
-5
10
-2
-1
AM15606v1
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Gate charge vs gate-source voltage Figure 7.
Static drain-source on-resistance
ID
150
100
50
0
0
0.4
VDS(V)
(A)
0.2
200
VGS= 4 V
VGS= 5 V
VGS= 6 V
VGS= 7, 8, 9, 10 V
0.6
0.8
250
300
350
AM15607v1
ID
150
100
50
0
2
4
VGS(V)
6
(A)
3
5
200
250
VDS= 1 V
300
350
400
AM15608v1
VGS
6
4
2
0
0
50
Qg(nC)
(V)
8
100
150
10
VDD=20V
ID=160A
VDS
12
200
250
AM15609v1
RDS(on)
1.2
1.0
0.8
0.6
0
40
ID(A)
(m
Ω)
20
60
1.4
1.6
80
1.8
V =10 V
GS
AM15610v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com