Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI300N4F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI300N4F6
Description  N-channel 40 V, 1.7 mΩ typ., 160 A, STripFET™ VI DeepGATE™ Power MOSFET in a I²PAK package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI300N4F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STI300N4F6 Datasheet HTML 1Page - STMicroelectronics STI300N4F6 Datasheet HTML 2Page - STMicroelectronics STI300N4F6 Datasheet HTML 3Page - STMicroelectronics STI300N4F6 Datasheet HTML 4Page - STMicroelectronics STI300N4F6 Datasheet HTML 5Page - STMicroelectronics STI300N4F6 Datasheet HTML 6Page - STMicroelectronics STI300N4F6 Datasheet HTML 7Page - STMicroelectronics STI300N4F6 Datasheet HTML 8Page - STMicroelectronics STI300N4F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
February 2013
Doc ID 18062 Rev 2
1/13
13
STI300N4F6
N-channel 40 V, 1.7 m
Ω typ., 160 A, STripFET™ VI DeepGATE™
Power MOSFET in a I²PAK package
Datasheet — production data
Features
■ Standard level VGS(th)
■ 100% avalanche rated
Applications
■ Automotive switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6th generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest RDS(on) in all packages.
Figure 1.
Internal schematic diagram
Order code
VDS
RDS(on) max
ID
STI300N4F6
40 V
2.2 m
Ω
160 A(1)
1.
Limited by wire bonding
1
2
3
I²PAK
AM01474v1
D (TAB or 2)
G(1)
S(3)
Table 1.
Device summary
Order code
Marking
Package
Packaging
STI300N4F6
300N4F6
I²PAK
Tube
www.st.com


Similar Part No. - STI300N4F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI30N65M5 STMICROELECTRONICS-STI30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
logo
Inchange Semiconductor ...
STI30N65M5 ISC-STI30N65M5 Datasheet
358Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STI30NM50N STMICROELECTRONICS-STI30NM50N Datasheet
628Kb / 18P
N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
23-Sep-2008
logo
Inchange Semiconductor ...
STI30NM50N ISC-STI30NM50N Datasheet
281Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STI30NM60N STMICROELECTRONICS-STI30NM60N Datasheet
768Kb / 18P
N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
09-Jul-2008
More results

Similar Description - STI300N4F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
N-channel 60 V, 1.7 mΩ typ., 180 A STripFET™VI DeepGATE??Power MOSFET in H²PAK-2 package
06-Jul-2012
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
05-Mar-2013
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
13-Oct-2015
STI175N4F6AG STMICROELECTRONICS-STI175N4F6AG Datasheet
654Kb / 12P
Automotive-grade N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in an I²PAK package
26-Jan-2016
STI410N4F7AG STMICROELECTRONICS-STI410N4F7AG Datasheet
666Kb / 12P
Automotive N-channel 40 V, 1.5 mΩ typ., 180 A STripFET™ F7 Power MOSFET in an I²PAK package
13-Jun-2016
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com