Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD41 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLD41
Description  White LED driver for mid-size LCD display backlight
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD41 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLD41 Datasheet HTML 2Page - STMicroelectronics STLD41 Datasheet HTML 3Page - STMicroelectronics STLD41 Datasheet HTML 4Page - STMicroelectronics STLD41 Datasheet HTML 5Page - STMicroelectronics STLD41 Datasheet HTML 6Page - STMicroelectronics STLD41 Datasheet HTML 7Page - STMicroelectronics STLD41 Datasheet HTML 8Page - STMicroelectronics STLD41 Datasheet HTML 9Page - STMicroelectronics STLD41 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Typical application circuit
STLD41
6/19
Doc ID 022283 Rev 5
4
Typical application circuit
Figure 3.
Application circuit schematic
Note:
The above listed components refer to a typical application with a maximum performance
setting. Operation of the STLD41 is not limited to the choice of these external components.
Table 5.
List of external components
Component
Manufacturer
Part number
Value
Size
CIN
Murata
GRM32ER71H106K
10 µF / 50 V
3.2 x 2.5 x 2.5 mm
COUT
Murata
GRM31CR61H225KA88L
2.2 µF / 50 V
3.2 x 1.6 x 1.6 mm
L
Murata
LQH6PPN470M43
47 µH / 1.25 A
6 x 6 x 4.3 mm
Coilcraft
LPS6235-473MLB
47 µH / 1.2 A
6 x 6 x 3.5 mm
RSENSE
Tyco Electronics
1.3
Ω
0603 size
Schottky diode
STMicroelectronics
STPS1L40M
1 A / 40 V
3.75 x 1 x 1.9 mm
LED
OSRAM
LWL283-Q1R2-3K8L-1-Z
20 mA / 3.1 V
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com