Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD41 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLD41
Description  White LED driver for mid-size LCD display backlight
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD41 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLD41 Datasheet HTML 11Page - STMicroelectronics STLD41 Datasheet HTML 12Page - STMicroelectronics STLD41 Datasheet HTML 13Page - STMicroelectronics STLD41 Datasheet HTML 14Page - STMicroelectronics STLD41 Datasheet HTML 15Page - STMicroelectronics STLD41 Datasheet HTML 16Page - STMicroelectronics STLD41 Datasheet HTML 17Page - STMicroelectronics STLD41 Datasheet HTML 18Page - STMicroelectronics STLD41 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STLD41
18/19
Doc ID 022283 Rev 5
10
Revision history
Table 8.
Document revision history
Date
Revision
Changes
28-Sep-2011
1
Initial release.
16-Nov-2011
2
Change value 1.8 MHz ==> 1.4 MHz
: Features on page 1.
15-Mar-2012
3
Modified: 1.3 x 0.122 W ==> 1.3 x 0.12² W
Section 7.4 on page 10.
23-May-2012
4
Document status promoted from preliminary data to production data.
27-Jun-2012
5
Added: new L component Coilcraft
Table 5 on page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com