Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD41 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLD41
Description  White LED driver for mid-size LCD display backlight
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD41 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLD41 Datasheet HTML 4Page - STMicroelectronics STLD41 Datasheet HTML 5Page - STMicroelectronics STLD41 Datasheet HTML 6Page - STMicroelectronics STLD41 Datasheet HTML 7Page - STMicroelectronics STLD41 Datasheet HTML 8Page - STMicroelectronics STLD41 Datasheet HTML 9Page - STMicroelectronics STLD41 Datasheet HTML 10Page - STMicroelectronics STLD41 Datasheet HTML 11Page - STMicroelectronics STLD41 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Introduction
STLD41
8/19
Doc ID 022283 Rev 5
6
Introduction
The STLD41 is a boost converter, dedicated to power and control the current of white LEDs
in an LCD backlight. The device operates at a typical constant switching frequency of 1.4
MHz. It steps an input voltage ranging from 3.0 V to 21 V up to 40 V. The output current is
dimmable by the PWM signal applied to the PWM pin.
6.1
PWM input
The light intensity can be dimmed by a signal applied to the PWM input. It is recommended
to use a signal whose frequency is between 25 kHz to 50 kHz. The maximum amplitude of
the signal is limited to 5.5 V. The minimum level of the signal must be at least 1.4 V. The
dimming range is from 20% to 100% of the current set by the RSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com