Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83867CSRGZR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CSRGZR
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CSRGZR Datasheet(HTML) 45 Page - Texas Instruments

Back Button DP83867CSRGZR Datasheet HTML 41Page - Texas Instruments DP83867CSRGZR Datasheet HTML 42Page - Texas Instruments DP83867CSRGZR Datasheet HTML 43Page - Texas Instruments DP83867CSRGZR Datasheet HTML 44Page - Texas Instruments DP83867CSRGZR Datasheet HTML 45Page - Texas Instruments DP83867CSRGZR Datasheet HTML 46Page - Texas Instruments DP83867CSRGZR Datasheet HTML 47Page - Texas Instruments DP83867CSRGZR Datasheet HTML 48Page - Texas Instruments DP83867CSRGZR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
9.6 Register Maps
In the register definitions under the ‘Default’ heading, the following definitions hold true:
RW
Read Write access
SC
Register sets on event occurrence and Self-Clears when event ends
RW/SC
ReadWrite access/Self Clearing bit
RO
Read Only access
COR
COR = Clear On Read
RO/COR
Read Only, Clear On Read
RO/P
Read Only, Permanently set to a default value
LL
Latched Low and held until read, based upon the occurrence of the corresponding event
LH
Latched High and held until read, based upon the occurrence of the corresponding event
9.6.1 Basic Mode Control Register (BMCR)
Table 11. Basic Mode Control Register (BMCR), Address 0x0000
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
RESET
0, RW/SC
Reset:
1 = Initiate software Reset / Reset in Process.
0 = Normal operation.
This bit, which is self-clearing, returns a value of one until the reset
process is complete. The configuration is re-strapped.
14
LOOPBACK
0, RW
Loopback:
1 = Loopback enabled.
0 = Normal operation.
The loopback function enables MAC transmit data to be routed to
the MAC receive data path.
Setting this bit may cause the descrambler to lose synchronization
and produce a 500 µs “dead time” before any valid data will appear
at the MII receive outputs.
13
SPEED SELECTION LSB
Strap, RW
Speed Select (Bits 6, 13):
When auto-negotiation is disabled writing to this bit allows the port
speed to be selected.
11 = Reserved
10 = 1000 Mbps
1 = 100 Mbps
0 = 10 Mbps
12
AUTO-NEGOTIATION ENABLE
Strap, RW
Auto-Negotiation Enable:
Strap controls initial value at reset.
1 = Auto-Negotiation Enabled - bits 8 and 13 of this register are
ignored when this bit is set.
0 = Auto-Negotiation Disabled - bits 8 and 13 determine the port
speed and duplex mode.
11
POWER DOWN
0, RW
Power Down:
1 = Power down.
0 = Normal operation.
Setting this bit powers down the PHY. Only the register block is
enabled during a power down condition. This bit is ORd with the
input from the PWRDOWN_INT pin. When the active low
PWRDOWN_INT pin is asserted, this bit will be set.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com