Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83867CSRGZR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CSRGZR
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CSRGZR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP83867CSRGZR Datasheet HTML 3Page - Texas Instruments DP83867CSRGZR Datasheet HTML 4Page - Texas Instruments DP83867CSRGZR Datasheet HTML 5Page - Texas Instruments DP83867CSRGZR Datasheet HTML 6Page - Texas Instruments DP83867CSRGZR Datasheet HTML 7Page - Texas Instruments DP83867CSRGZR Datasheet HTML 8Page - Texas Instruments DP83867CSRGZR Datasheet HTML 9Page - Texas Instruments DP83867CSRGZR Datasheet HTML 10Page - Texas Instruments DP83867CSRGZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage (VDDA2P5)
-0.3
3.0
V
Supply Voltage (VDDA1P8)
-0.3
2.1
V
Supply Voltage (VDD1P0)
-0.3
1.3
V
3.3 V Option
-0.3
3.8
V
Supply Voltage (VDDIO)
2.5 V Option
-0.3
3.0
V
1.8 V Option
-0.3
2.1
V
MDI
-0.3
6.5
MAC interface, MDIO, MDC, GPIO
-0.3
VDDIO + 0.3V
PINS
V
INT/PWDN, RESET
-0.3
VDDIO + 0.3V
JTAG
-0.3
VDDIO + 0.3V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per
All pins except Media
±2500
ANSI/ESDA/JEDEC JS-001(1)
Dependent Interface pins
Media Dependent
Interface pins
±8000
(ERGZ/ISRGZ)(2)
V(ESD)
Electrostatic discharge
V
Media Dependent
±6000
Interface pins (CSRGZ)
Charged-device model (CDM), per JEDEC
±1500
specification JESD22-C101(3)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±8 V and/or ± 2 V may actually have higher
performance.
(2)
MDI Pins tested as per IEC 61000-4-2 standards.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDDA2P5
Supply Voltage
2.375
2.5
2.625
V
VDDA1P8
Supply Voltage
1.71
1.8
1.89
V
VDD1P0
Supply Voltage
0.95
1.0
1.155
V
3.3 V Option
3.15
3.3
3.45
V
VDDIO
Supply Voltage
2.5 V Option
2.375
2.5
2.625
V
1.8 V Option
1.71
1.8
1.89
V
Operating Free Air
Commercial (DP83867CSRGZ)
0
25
70
°C
Temperature
Industrial (DP83867ISRGZ)
-40
25
85
°C
Extended (DP83867ERGZ)
-40
25
105
°C
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com