Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83867CSRGZR Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CSRGZR
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CSRGZR Datasheet(HTML) 85 Page - Texas Instruments

Back Button DP83867CSRGZR Datasheet HTML 81Page - Texas Instruments DP83867CSRGZR Datasheet HTML 82Page - Texas Instruments DP83867CSRGZR Datasheet HTML 83Page - Texas Instruments DP83867CSRGZR Datasheet HTML 84Page - Texas Instruments DP83867CSRGZR Datasheet HTML 85Page - Texas Instruments DP83867CSRGZR Datasheet HTML 86Page - Texas Instruments DP83867CSRGZR Datasheet HTML 87Page - Texas Instruments DP83867CSRGZR Datasheet HTML 88Page - Texas Instruments DP83867CSRGZR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
9.6.40 Receive Configuration Register (RXFCFG)
This register provides receive configuration for Wake on LAN (WoL).
Table 51. Receive Configuration Register (RXFCFG), Address 0x0134
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:12
RESERVED
0, RO
RESERVED
11
WOL_OUT_CLEAR
0, RW, SC
Clear Wake on LAN Output:
This bit is only applicable when configured for level mode.
1 = Clear Wake on LAN output
10:9
WOL_OUT_STRETCH
00, RW
Wake on LAN Output Stretch:
If WoL out is configured for pulse mode, the pulse length is defined
as the following number of 125MHz clock cycles:
11 = 64 clock cycles
10 = 32 clock cycles
01 = 16 clock cycles
00 = 8 clock cycles
8
WOL_OUT_MODE
0, RW
Wake on LAN Output Mode:
1 = Level Mode. WoL is cleared by a write to WOL_OUT_CLEAR
(bit 11).
0 = Pulse Mode. Pulse width is configured via
WOL_OUT_STRETCH (bits 10:9).
7
ENHANCED_MAC_SUPPORT
0, RW
Enable Enhanced Receive Features:
1 = Enable for Wake on LAN, CRC check, and Receive 1588
indication.
0 = Normal operation.
6
RESERVED
0, RO
RESERVED
5
SCRON_EN
0, RW
Enable SecureOn Password:
1 = SecureOn Password enabled.
0 = SecureOn Password disabled.
4
WAKE_ON_UCAST
0, RW
Wake on Unicast Packet:
1 = Issue an interrupt upon reception of Unicast packet.
0 = Do not issue an interrupt upon reception of Unicast packet.
3
RESERVED
0, RO
RESERVED
2
WAKE_ON_BCAST
1, RW
Wake on Broadcast Packet:
1 = Issue an interrupt upon reception of Broadcast packet.
0 = Do not issue an interrupt upon reception of Broadcast packet.
1
WAKE_ON_PATTERN
0, RW
Wake on Pattern Match:
1 = Issue an interrupt upon pattern match.
0 = Do not issue an interrupt upon pattern match.
0
WAKE_ON_MAGIC
0, RW
Wake on Magic Packet:
1 = Issue an interrupt upon reception of Magic packet.
0 = Do not issue an interrupt upon reception of Magic packet.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com