Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC09E Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC09E
Description  9mm Size Metal Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC09E Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC09E_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC09E_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC09E_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC09E_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
268
Switch type
Momentary push switch
Contact arrangement
Single pole and single throw(Push-on)
Travel(mm)
0.5±0.3
1.5±0.5
Operating force
6 +2.5
− 2
N
4±2N
Operating life
10,000 times
Electrical
performance
Rating
10mA 5V DC (1mA 5V DC min. ratings)
Contact resistance
100mΩ max. for initial period, 200mΩ max. after operating life.
Insulation resistance
100MΩ min. 250V DC
Voltage proof
300V AC for 1 minute or 360V AC for 1s
Output Wave
Sliding Noise
Detent stability position cannot be
specified for B signal.
V1=V2=2.5V max.
At R = 5kΩ
Chattering : 5ms max. Bounce : 2ms max.
A signal
B signal
OFF ON
ON
OFF
Detent stability position
CW direction
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s
9mm Size Metal Shaft Type/Switch Specifications
9mm Size Metal Shaft Type
EC09E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com