Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC09E Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # EC09E
Description  9mm Size Metal Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC09E Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  EC09E_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC09E_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC09E_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC09E_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
262
List of Varieties
Encoders
Type
Metal shaft
9mm size
11mm size
Series
EC09E
EC11B
EC11E
EC11G
Photo
Output
Incremental(Two phase A and B )
Shaft types
Single-shaft
Dual-shaft
Single-shaft
Operating direction
Vertical
Horizontal
Vertical
Number of pulse /
Number of detent
15 / 30
9 / 18
15 / 30 or without
18 / 36 or without
15 / 30 or without
Features
—
—
Without detent
Push-lock mechanism
—
Less shaft wobble
Dimensions
(mm)
W
9.5
11.7
D
13.8
12
H
4.5
5.5
4.5
8 / 8.5
4.5
Operating temperature range
−40℃ to+85℃
Operating life
15,000 cycles
Automotive use
●
●
●
●
Life cycle (availability)
Electrical
performance
Rating
10mA 5V DC
Max./min. operating
current(Resistive load)
10mA / 1mA
Insulation resistance
100MΩ min. 250V DC
Voltage proof
300V AC for 1 minute or
360V AC for 1s
300V AC for 1 minute or 360V AC for 2s
Mechanical
performance
Rotational torque
(Without detent)
—
—
7+3
− 4 mN・m
—
8.5±5mN・m
Detent torque
8±5mN・m
12±7mN・m
10±7mN・m
12±7mN・m
Push-pull strength
100N
Shaft configuration
Flat
Flat, Slotted, Serrated 
Inner-shaft:Flat
Outer-shaft:Slotted
Serrated
Terminal type
Insertion
Switch
Specifications
Switch type
Push-on switch
Push-lock
mechanism
switch ※
Push-on switch
Contact
arrangement
Single pole and single throw(Push-on)
Travel(mm)
0.5±0.3 1.5±0.5 0.5+0.4
− 0.3
1.5±0.5 0.5±0.3 1.5±0.5 8±0.8 0.5±0.3 1.5±0.5
1.5±0.35
Operating force(N) 6+2.5
− 2
4±2
6±3
5±2
6+2.5
− 2
4±2
8 max.
6+2.5
− 2
4±2
5±2
Rating
10mA 5V DC
(500μA 5V DC min. ratings)
0.1A 5V DC(500μA 5V DC min. ratings)
Contact resistance
100mΩ max. for initial period; 200mΩ max. after operating life.
Operating life
10,000 times
25,000
times
20,000 times
10,000
times
20,000 times
Page
267
269
Encoders Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 307
Encoders Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 308
Notes
1. ※marked specification is only applicable to EC11E152U402.
2. ●Indicates applicability to all products in the series.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com