Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC09E Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC09E
Description  9mm Size Metal Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC09E Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC09E_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC09E_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC09E_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC09E_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
267
A compact 9.5mm size and round shape contribute to
save space
9mm Size Metal Shaft Type
EC09E
Product Line
Flat
20
15
15
30
Without
8±5
Vertical
EC09E1520406
1
With
EC09E1524405
2
EC09E1524404
-
0.5
1.5
Product No.
Drawing
No.
700
1,400
Minimum order unit(pcs.)
Japan Export
Number of
detent
Number of
pulse
Shaft
configuration
Length of the shaft
(mm)
Push-on
switch
Travel of push-on
switch(mm)
Operating
direction
Detent torque
(mN・m)
Photo
Dimensions
Unit:mm
(
)
(
)
2
5 1
4 1 2
Without switch type
Style
No.
1
PC board mounting hole dimensions
(Viewed from mounting face)
2
( )
Mounting surface
( )
Mounting surface
( )
Mounting surface
Shaft design and other features are customizable.
Note
■ Typical Specifications
Items
Specifications
Rating
10mA 5V DC
Operating life
15,000 cycles
Operating temperature range
−40℃ to +85℃
With push-on switch
(travel 0.5 / 1.5mm)
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
700
1,400
374×529×213
Refer to P.268 for switches.
Refer to P.307 for soldering conditions.


Similar Part No. - EC09E_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC09E1520407 ETC-EC09E1520407 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
EC09E1524417 ETC-EC09E1524417 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
EC09E1524418 ETC-EC09E1524418 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC09E_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E Datasheet
176Kb / 2P
9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
9mm Size Insulated Shaft Snap-in Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
9mm Size Metal Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
9mm Size Insulated Shaft Long-life Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
9mm Size Metal Shaft Multi-ganged Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
20mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com