Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAL-CW1250D3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # BAL-CW1250D3
Description  50 Ω nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CW1250D3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BAL-CW1250D3 Datasheet HTML 2Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 3Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 4Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 5Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 6Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 7Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 8Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 9Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DocID024678 Rev 2
7/10
BAL-CW1250D3
Package information
Figure 16. Flip-Chip tape and reel specifications
Note:
More information is available in the STMicroelectronics Application note:
AN2348 Flip-Chip: “Package description and recommendations for use”
Dot identifying Pin A1 location
User direction of unreeling
All dimensions are typical values in mm
4.0
4.0
2.0
Ø 1.50
0.71± 0.05
1.09 ± 0.05
0.22
ST
ST
ST
xxz
xxz
xxz
yww
yww
yww



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com