Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAL-CW1250D3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAL-CW1250D3
Description  50 Ω nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CW1250D3 Datasheet(HTML) 4 Page - STMicroelectronics

  BAL-CW1250D3 Datasheet HTML 1Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 2Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 3Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 4Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 5Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 6Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 7Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 8Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Package information
BAL-CW1250D3
4/10
DocID024678 Rev 2
2
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
2.1
Flip-Chip package information
Figure 8. Flip-Chip package outline
Table 4. Flip-Chip package mechanical data
Parameter
Description
Min.
Typ.
Max.
Unit
A
Bump height + substrate thickness
0.570
0.630
0.690
mm
A1
Bump height
0.155
0.205
0.255
mm
A2
Substrate thickness
0.400
mm
b
Bump diameter
0.215
0.255
0.295
mm
D
Y dimension of the die
1.150
1.200
1.250
mm
D1
Y pitch
0.760
mm
E
X dimension of the die
0.940
0.990
1.040
mm
E1
X pitch
0.400
mm
fD
Distance from bump to edge of die on Y axis
0.105
mm
ccc
0.05
mm
$0.025
mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com