Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAL-CW1250D3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAL-CW1250D3
Description  50 Ω nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CW1250D3 Datasheet(HTML) 3 Page - STMicroelectronics

  BAL-CW1250D3 Datasheet HTML 1Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 2Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 3Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 4Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 5Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 6Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 7Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 8Page - STMicroelectronics BAL-CW1250D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID024678 Rev 2
3/10
BAL-CW1250D3
Characteristics
1.1
Measurements
Figure 2. Insertion loss
Figure 3. Single indeed return loss
S21 (dB)
F (GHz)
-0.90
-0.92
-0.94
-0.96
-0.98
-1.0
2.40
2.44
2.47
2.49
2.50
2.41
2.42
2.43
2.45
2.46
2.48
F (GHz)
-30
2.40
2.44
2.47
2.49
2.50
2.41
2.42
2.43
2.45
2.46
2.48
S11 (dB)
-20
-22
-24
-26
-28
Figure 4. Differential return loss
Figure 5. Amplitude imbalance
F (GHz)
-34
-40
2.40
2.44
2.47
2.49
2.50
2.41
2.42
2.43
2.45
2.46
2.48
S22 (dB)
-24
-26
-28
-30
-36
-32
-38
F (GHz)
-0.32
-0.29
2.40
2.44
2.47
2.49
2.50
2.41
2.42
2.43
2.45
2.46
2.48
Absolute Aimb (dB)
-0.37
-0.36
-0.35
-0.34
-0.31
-0.33
-0.30
Figure 6. Phase imbalance
Figure 7. Second harmonic attenuation
F (GHz)
2.52
2.46
2.40
2.44
2.47
2.49
2.50
2.41
2.42
2.43
2.45
2.46
2.48
Absolute PHimb (deg)
2.62
2.60
2.58
2.56
2.50
2.54
2.48
S21 (dB)
F (GHz)
-18.5
-19.0
-19.5
-20.0
-20.5
-21.0
2.40
2.44
2.47
2.49
2.50
2.41
2.42
2.43
2.45
2.46
2.48



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com