Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD Datasheet(PDF) 103 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 103 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 99Page - STMicroelectronics L9779WD Datasheet HTML 100Page - STMicroelectronics L9779WD Datasheet HTML 101Page - STMicroelectronics L9779WD Datasheet HTML 102Page - STMicroelectronics L9779WD Datasheet HTML 103Page - STMicroelectronics L9779WD Datasheet HTML 104Page - STMicroelectronics L9779WD Datasheet HTML 105Page - STMicroelectronics L9779WD Datasheet HTML 106Page - STMicroelectronics L9779WD Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 170 page
background image
DocID027452 Rev 5
103/170
L9779WD
Functional description
169
Auto-adaptative time filter (fully adaptive mode)
This characteristic is useful to set the best internal filter time depending on the input signal
frequency.
Tfilter time depends on duration of the previous period Tn according to the following
formula:
Tfilter(n+1) = 1/32*Tn if Int_vrs > Tfilter(n)
The filtering time purpose is filtering very short spikes.
The digital filtering time is applied to internal squared signal (int_vrs), obtained by Voltage
comparators.
The output of time filtering block is out_vrs signal.
The filtering time Tfilter is applied to int_vrs signal in two different ways:
Rising edge: if int_vrs high level lasts less than Tfilter out_vrs is not set to high level
In absence of any spikes during input signal rising edge out_vrs signal is expected with
a delay of Tfilter time
Falling edge: the falling edge of int_vrs is not delayed through time filtering block: after
falling edge for a time Tfilter any other transition on int_vrs signal is ignored.
Tmaxfilter = 200 µs typ.
Tmin filter = 4 µs typ.
The default value after reset is Tmaxfilter.
The Tfilter function is reset by the enable of FLYING WHEEL function.
Figure 65. Auto-adaptive time filter (rising edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com