Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD Datasheet(PDF) 104 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 100Page - STMicroelectronics L9779WD Datasheet HTML 101Page - STMicroelectronics L9779WD Datasheet HTML 102Page - STMicroelectronics L9779WD Datasheet HTML 103Page - STMicroelectronics L9779WD Datasheet HTML 104Page - STMicroelectronics L9779WD Datasheet HTML 105Page - STMicroelectronics L9779WD Datasheet HTML 106Page - STMicroelectronics L9779WD Datasheet HTML 107Page - STMicroelectronics L9779WD Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 170 page
background image
Functional description
L9779WD
104/170
DocID027452 Rev 5
Figure 66. Adaptive filter function when the MSC bit are 00 or 01
Software option configuration requirement for VRS function:
By MSC command it is possible to configure different options of the VRS function:
–
The hysteresis changing is driven by a feedback signal coming from COMP output
OR from adaptive filter
–
The adaptive filter can be either on the rising edge or on both edges of the VRS
output.
Table 46. MSC command possible configuration of different option of VRS function
MSC Bit
00
01
10
11(1)
Function
Feed back from
COMP output.
VRS input signal from
low to high, add 1/
32* Tn filter time.
VRS output from high
to low with 1/32 * Tn
masking time.
Feed back from after
adaptive filter block
instead of from
COMP output
(specifically as
shown in Figure 67)
VRS output signal
from low to high, add
1/32 * Tn filter tune.
VRS output from high
to low with 1/32 * Tn
masking time.
VRS input signal from
high to low, add 1/
32* Tn filter time.
VRS output from high
to low with 1/32 * Tn
filter time.
Realize 01 and 10 functions
Feed back from after
adaptive filter block instead of
from COMP output. VRS
output signal from low to
high, add
1/ 32* Tn filter time. VRS
output from high to low with
1/32 * Tn filter time. Feed
back from after adaptive filter
block instead of from COM
output. VRS output signal
from low to high, add 1/32 *
Tn filter time. VRS output
from high to low with 1/32 *
Tn filter time.
1. If MSC CONFIG_REG7-bit4 is set (High) VRS filter time is fixed to 4 µs ±1.25 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com