Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD Datasheet(PDF) 128 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 128 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 124Page - STMicroelectronics L9779WD Datasheet HTML 125Page - STMicroelectronics L9779WD Datasheet HTML 126Page - STMicroelectronics L9779WD Datasheet HTML 127Page - STMicroelectronics L9779WD Datasheet HTML 128Page - STMicroelectronics L9779WD Datasheet HTML 129Page - STMicroelectronics L9779WD Datasheet HTML 130Page - STMicroelectronics L9779WD Datasheet HTML 131Page - STMicroelectronics L9779WD Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 170 page
background image
Functional description
L9779WD
128/170
DocID027452 Rev 5
Figure 77. Communication diagram between µC and L9779WD
Downstream communication
Signals
The enable input is active with inverted polarity - i.e.‚ low level during the active phases of
command or data frames. An active enable signal validates the DI input signal. Outside the
active phase (enable line is at high level) invalid data may occur at DI.
The active phase of a downstream frame starts with the falling edge of the enable signal and
ends with the rising edge of the enable signal. The enable signal changes its state with the
rising edge of the clock CL (because CL has normal polarity).
DI changes its state on rising edge and it is latched by L9779WD on the falling edge of CL.
Downstream frames are synchronous serial frames. They support enable signal and
command/data selection bit as part of the frame. Command/data selection bit allows
distinguishing frames as command and data frames in the receiver circuit.
Command frames and data frames may be sent in any sequence with a passive phase of at
least 2 CL-cycles after each frame.
Command frame
A command frame always starts with a high level bit (command selection bit). The number
of the command bit of the active phase of a command frame NCB is fixed to 14. If the
number of the command bit is not equal to NCB = 14 the frame will be ignored, the
command will not be executed and the error flag (TRANS_L) will be set.
The length of the command frame's passive phase tCPP must be a minimum of 2 * tCL.
Execution of the command is finished not later than 16*tCL after the end of active phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com