Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD Datasheet(PDF) 130 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 130 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 126Page - STMicroelectronics L9779WD Datasheet HTML 127Page - STMicroelectronics L9779WD Datasheet HTML 128Page - STMicroelectronics L9779WD Datasheet HTML 129Page - STMicroelectronics L9779WD Datasheet HTML 130Page - STMicroelectronics L9779WD Datasheet HTML 131Page - STMicroelectronics L9779WD Datasheet HTML 132Page - STMicroelectronics L9779WD Datasheet HTML 133Page - STMicroelectronics L9779WD Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 170 page
background image
Functional description
L9779WD
130/170
DocID027452 Rev 5
Figure 79. Data frame diagram
Upstream communication
The serial data output [DO] is the synchronous serial data signal of the upstream channel.
The polarity for [DO] is ‚normal polarity'- i.e. a low level bit at [DO] is stored in the µC as a
logic ‚0', and a high level bit at [DO] is stored in the µC as a logic ‚1'.
The serial data output is single-ended.
The frequency is derived from CL by an internal divider to typ. fSDO = CL/64. It can be
adjusted via MSC to fSDO = CL/16... CL/128. The time for a bit is TSDO = fSDO.
Each upstream frame consists of 16 bit:
1 start bit, always '0'
4-bit-upstream address field (A[0..3] with LSB first)
8 bit data upstream data field (D[0..7] with LSB first)
1 upstream parity bit (with odd parity for the complete data frame)
2 fSDO stop bit, always '1'.
Note:
External pull-up resistor on SDO pin is required. Its value depends on MSC SDO bit rate.
Table 60. Content of a data frame (transmitted LSB first)
Bit
Description
Data selection bit
0
0-7
CONTR_REG1(LSB…MSB)
8-15
CONTR_REG2(LSB…MSB)
16-23
CONTR_REG3(LSB…MSB)
24-29
CONTR_REG4(LSB…MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com