Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M01-DWDW3TP Datasheet(PDF) 17 Page - STMicroelectronics

Part # M95M01-DWDW3TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWDW3TP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M95M01-DWDW3TP Datasheet HTML 13Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 14Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 15Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 16Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 17Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 18Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 19Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 20Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
DocID023214 Rev 6
17/40
M95M01-A125 M95M01-A145
Instructions
39
4.3
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction is used to read the content of the Status
Register.
As shown in Figure 7, to send this instruction to the device, Chip Select (S) is first driven
low. The bits of the instruction byte are shifted in (MSB first) on Serial Data Input (D), the
Status Register content is then shifted out (MSB first) on Serial Data Output (Q).
If Chip Select (S) continues to be driven low, the Status Register content is continuously
shifted out.
The Status Register can always be read, even if a Write cycle (tW) is in progress. The Status
Register functionality is detailed in Section 3.4.2: Status Register and data protection.
Figure 7. Read Status Register (RDSR) sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com