Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M01-DWDW3TP Datasheet(PDF) 23 Page - STMicroelectronics

Part # M95M01-DWDW3TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWDW3TP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M95M01-DWDW3TP Datasheet HTML 19Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 20Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 21Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 22Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 23Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 24Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 25Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 26Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
DocID023214 Rev 6
23/40
M95M01-A125 M95M01-A145
Instructions
39
4.8
Write Identification Page (WRID)
The Write Identification Page instruction is used to write the Identification Page (additional
page of 256 bytes which can also be permanently locked in Read-only mode).
The Chip Select signal (S) is first driven low, and then the bits of the instruction byte,
address bytes, and at least one data byte are shifted in (MSB first) on Serial Data input (D).
Address bit A10 must be 0 and the other upper address bits are Don't Care (it might be
easier to define these bits as 0, as shown in Table 7). The lower address bits [A7:A0] define
the byte address inside the identification page.
The self-timed Write cycle starts from the rising edge of Chip Select (S), and continues for a
period tW (as specified in Table 15).
Figure 13. Write Identification Page sequence
Note:
The first three bytes of the Identification page offer the Device Identification code (Please
refer to Section 3.5: Identification page for more information). Using the WRID command on
these first three bytes overwrites the Device Identification code.
The instruction is discarded, and is not executed, under the following conditions:
•
If a Write cycle is already in progress
•
If the Block Protect bits (BP1,BP0) = (1,1)
•
If one of the conditions defined in Section 3.4.1: Protocol control is not satisfied.
4.9
Read Lock Status (RDLS)
The Read Lock Status instruction is used to read the lock status.
To send this instruction to the device, Chip Select (S) first has to be driven low. The bits of
the instruction byte and address bytes are then shifted in (MSB first) on Serial Data input
(D). Address bit A10 must be 1; all other address bits are Don't Care (it might be easier to
define these bits as 0, as shown in Table 7). The Lock bit is the LSB (Least Significant Bit) of
the byte read on Serial Data output (Q). It is at ‘1’ when the lock is active and at ‘0’ when the
lock is not active. If Chip Select (S) continues to be driven low, the same data byte is shifted
out.
The read cycle is terminated by driving Chip Select (S) high. The instruction sequence is
shown in Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com