Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M01-DWDW3TP Datasheet(PDF) 27 Page - STMicroelectronics

Part # M95M01-DWDW3TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWDW3TP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M95M01-DWDW3TP Datasheet HTML 23Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 24Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 25Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 26Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 27Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 28Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 29Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 30Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
DocID023214 Rev 6
27/40
M95M01-A125 M95M01-A145
Application design recommendations
39
5.1.3
Power-down
During power-down (continuous decrease in the VCC supply voltage below the minimum
VCC operating voltage defined in Table 13 and Table 14), the device must be:
•
deselected (Chip Select (S) should be allowed to follow the voltage applied on VCC),
•
in Standby power mode (there should not be any internal Write cycle in progress).
5.2
Implementing devices on SPI bus
Figure 16 shows an example of three devices, connected to the SPI bus master. Only one
device is selected at a time, so that only the selected device drives the Serial Data output
(Q) line. All the other devices outputs are then in high impedance.
Figure 16. Bus master and memory devices on the SPI bus
1. The Write Protect (W) and Hold (HOLD) signals must be driven high or low as appropriate.
A pull-up resistor connected on each /S input (represented in Figure 16) ensures that each
device is not selected if the bus master leaves the /S line in the high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com