Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-DRDW3TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24256-DRDW3TP
Description  Automotive 256-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DRDW3TP Datasheet(HTML) 1 Page - STMicroelectronics

  M24256-DRDW3TP Datasheet HTML 1Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 2Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 3Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 4Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 5Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 6Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 7Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 8Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
This is information on a product in full production.
December 2014
DocID023506 Rev 4
1/40
M24256-A125
Automotive 256-Kbit serial I²C bus EEPROM with 1 MHz clock
Datasheet
- production data
Features
• Compatible with all I2C bus modes
–1 MHz
–400 kHz
–100 kHz
• Memory array
– 256 Kbit (32 Kbytes) of EEPROM
– Page size: 64 bytes
– Additional Write lockable page
(Identification page)
• Extended temperature and voltage ranges
– -40 °C to 125 °C; 1.8 V to 5.5 V
• Schmitt trigger inputs for noise filtering.
• Short Write cycle time
– Byte Write within 4 ms
– Page Write within 4 ms
• Write cycle endurance
– 4 million Write cycles at 25 °C
– 1.2 million Write cycles at 85 °C
– 600 k Write cycles at 125 °C
• Data retention
– 50 years at 125 °C
– 100 years at 25 °C
• ESD Protection (Human Body Model)
– 4000 V
• Packages
– RoHS compliant and halogen-free
(ECOPACK®2)
TSSOP8 (DW)
SO8 (MN)
169 mil width
150 mil width
WFDFPN8 (MF)
2 x 3 mm
www.st.com


Similar Part No. - M24256-DRDW3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-DRDW8TG STMICROELECTRONICS-M24256-DRDW8TG Datasheet
1Mb / 41P
256-Kbit serial I²C bus EEPROM - 105°C operation
January 2015 Rev 1
M24256-DRDW8TP STMICROELECTRONICS-M24256-DRDW8TP Datasheet
1Mb / 41P
256-Kbit serial I²C bus EEPROM - 105°C operation
January 2015 Rev 1
More results

Similar Description - M24256-DRDW3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
09-Nov-2001
M24C02-A125 STMICROELECTRONICS-M24C02-A125 Datasheet
604Kb / 39P
Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24C04-A125 STMICROELECTRONICS-M24C04-A125 Datasheet
604Kb / 39P
Automotive 4-Kbit serial I²C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24C08-A125 STMICROELECTRONICS-M24C08-A125 Datasheet
605Kb / 39P
Automotive 8-Kbit serial IC bus EEPROM with 1 MHz clock
07-Jan-2015
M24C16-A125 STMICROELECTRONICS-M24C16-A125 Datasheet
589Kb / 37P
Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
07-Jan-2015
M24C32-A125 STMICROELECTRONICS-M24C32-A125 Datasheet
604Kb / 40P
Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
08-Jan-2015
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
16-Dec-2014
M24128-A125 STMICROELECTRONICS-M24128-A125 Datasheet
606Kb / 40P
Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
16-Dec-2014
M24512-A125 STMICROELECTRONICS-M24512-A125 Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com