Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-DRDW3TP Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24256-DRDW3TP
Description  Automotive 256-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DRDW3TP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24256-DRDW3TP Datasheet HTML 32Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 33Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 34Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 35Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 36Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 37Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 38Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 39Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID023506 Rev 4
37/40
M24256-A125
Part numbering
39
10
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of the devices, please contact your nearest ST sales office.
Table 16. Ordering information scheme
Example:
M24256-D
R
MN 3
T
P /K
Device type
M24 = I2C serial access EEPROM
Device function
256-D = 256 Kbit (32 K x 8 bits) plus identification page
Operating voltage
R = VCC = 1.8 V to 5.5 V
Package
MN = SO8 (150 mil width)(1)
1. All packages are ECOPACK2® (RoHS compliant and free of brominated, chlorinated and antimony-oxide
flame retardants).
DW = TSSOP8 (169 mil width)(1)
MF = MLP8 (2 × 3 mm)(1)
Device grade
3 = -40 to 125 °C. Device tested with high reliability certified flow(2)
2. The high reliability certified flow (HRCF) is described in quality note QNEE9801. Please ask your nearest
ST sales office for a copy.
Option
blank =Tube packing
T = Tape and reel packing
Plating technology
P or G = ECOPACK2®
Process
/K = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com