Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-DRDW3TP Datasheet(PDF) 18 Page - STMicroelectronics

Part # M24256-DRDW3TP
Description  Automotive 256-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DRDW3TP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M24256-DRDW3TP Datasheet HTML 14Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 15Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 16Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 17Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 18Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 19Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 20Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 21Page - STMicroelectronics M24256-DRDW3TP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Instructions
M24256-A125
18/40
DocID023506 Rev 4
4.1.3
Write Identification Page
The Identification Page (64 bytes) is an additional page which can be written and (later)
permanently locked in Read-only mode. It is written by issuing the Write Identification Page
instruction. This instruction uses the same protocol and format as Page Write (into memory
array), except for the following differences:
•
Device type identifier = 1011b
•
Most significant address bits A15/A6 are don't care, except for address bit A10 which
must be “0”. Least significant address bits A5/A0 define the byte location inside the
Identification page.
If the Identification page is locked, the data bytes transferred during the Write Identification
Page instruction are not acknowledged (NoAck).
4.1.4
Lock Identification Page
The Lock Identification Page instruction (Lock ID) permanently locks the Identification page
in Read-only mode. The Lock ID instruction is similar to Byte Write (into memory array) with
the following specific conditions:
•
Device type identifier = 1011b
•
Address bit A10 must be ‘1’; all other address bits are don't care
•
The data byte must be equal to the binary value xxxx xx1x, where x is don't care
4.1.5
Minimizing Write delays by polling on ACK
The maximum Write time (tw) is shown in AC characteristics tables in Section 8: DC and AC
parameters, but the typical time is shorter. To make use of this, a polling sequence can be
used by the bus master.
The sequence, as shown in Figure 7, is:
•
Initial condition: a Write cycle is in progress.
•
Step 1: the bus master issues a Start condition followed by a device select code (the
first byte of the new instruction).
•
Step 2: if the device is busy with the internal Write cycle, no Ack will be returned and
the bus master goes back to Step 1. If the device has terminated the internal Write
cycle, it responds with an Ack, indicating that the device is ready to receive the second
part of the instruction (the first byte of this instruction having been sent during Step 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com