Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFLVDS32A Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFLVDS32A
Description  Rad-hard quad LVDS receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS32A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFLVDS32A Datasheet HTML 3Page - STMicroelectronics RHFLVDS32A Datasheet HTML 4Page - STMicroelectronics RHFLVDS32A Datasheet HTML 5Page - STMicroelectronics RHFLVDS32A Datasheet HTML 6Page - STMicroelectronics RHFLVDS32A Datasheet HTML 7Page - STMicroelectronics RHFLVDS32A Datasheet HTML 8Page - STMicroelectronics RHFLVDS32A Datasheet HTML 9Page - STMicroelectronics RHFLVDS32A Datasheet HTML 10Page - STMicroelectronics RHFLVDS32A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID025371 Rev 3
7/15
RHFLVDS32A
Electrical characteristics
15
5
Electrical characteristics
In Table 7 below, VCC = 3 V to 3.6 V, capa-load (CL) = 10 pF, typical values are at 
Tamb = +25 °C, min. and max values are at Tamb = - 55 °C and + 125 °C unless otherwise
specified
(
Table 7. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
CC
Total enabled supply current,
receivers enabled, not
switching
VID = 400 mV
13
15
mA
I
CCZ
Total disabled supply current,
receivers disabled
VID = 400 mV 
G = GND and G = VCC
4
I
OFF
LVDS input power-off leakage
current(1)
VCC = 0 V, VIN = -4 V to 5 V
-60
60
µA
TTL I/O power-off leakage
current(1)
VCC = 0 V, 
VIN, G and G = 3.6 V, 
VOUT = 3.6 V
-10
10
V
IH
Enable threshold high level
G and G inputs
2V
CC
V
V
IL
Enable threshold low level
GND
0.8
I
IH
High level input current
G and G inputs
VCC = 3.6 V, VIN = VCC
-10
10
µA
I
IL
Low level input current
G and G inputs
VCC = 3.6 V, VIN = 0
-10
10
V
TL
Differential input low threshold
VCM = 1.2 V
-100
mV
-4 V < VCM < +5 V
-130
V
TH
Differential input high threshold
VCM = 1.2 V
100
-4 V < VCM < +5 V
130
V
CL
TTL input clamp voltage
ICL = 18 mA
1.5
V
V
CMR
Common mode voltage range
VID = 200 mVp-p
- 4
+5
V
CMREJ
Common mode rejection(2)
F = 10 MHz
300
mVp-p
I
ID
Differential input current
VID = 400 mVp-p
-10
10
µA
I
ICM
Common mode input current
VIC = - 4 V to + 5 V
-70
70
V
OH
Output voltage high
IOH = -0.4 mA, VCC = 3 V
2.7
V
V
OL
Output voltage low
IOL = 2 mA, VCC = 3 V
0.25
I
OS
Output short-circuit current
VOUT = 0 V
-90
-30
mA
I
OZ
Output tri-state current
Disabled, VOUT = 0 V or VCC
-10
10
µA
C
IN
Input capacitance
On each LVDS input vs. GND
3
pF
R
out
Output resistance
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com