Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFLVDS32A Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFLVDS32A
Description  Rad-hard quad LVDS receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS32A Datasheet(HTML) 5 Page - STMicroelectronics

  RHFLVDS32A Datasheet HTML 1Page - STMicroelectronics RHFLVDS32A Datasheet HTML 2Page - STMicroelectronics RHFLVDS32A Datasheet HTML 3Page - STMicroelectronics RHFLVDS32A Datasheet HTML 4Page - STMicroelectronics RHFLVDS32A Datasheet HTML 5Page - STMicroelectronics RHFLVDS32A Datasheet HTML 6Page - STMicroelectronics RHFLVDS32A Datasheet HTML 7Page - STMicroelectronics RHFLVDS32A Datasheet HTML 8Page - STMicroelectronics RHFLVDS32A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID025371 Rev 3
5/15
RHFLVDS32A
Maximum ratings and operating conditions
15
3
Maximum ratings and operating conditions
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. All voltages, except differential I/O bus voltage, are with respect to the network ground terminal.
4.8
V
Vi
TTL inputs (operating or cold-spare)
-0.3 to 4.8
VCM
LVDS common mode (operating or cold-spare)
-5 to +6
VOUT
TTL outputs (operating or cold-spare)
-0.3 to 4.8
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
+150
Rthjc
Thermal resistance junction to case(2)
2. Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on the
amplifiers.
22
°C/W
ESD
HBM: Human body model
– All pins excepted LVDS inputs
– LVDS inputs vs. GND
2
8
kV
CDM: Machine model
500
V
Table 5. Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage
3
3.3
3.6
V
VCM
Static common mode on the receiver
- 4
+ 5
TA
Ambient temperature range
-55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com