Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574K72E5 Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 68Page - STMicroelectronics SPC574K72E5 Datasheet HTML 69Page - STMicroelectronics SPC574K72E5 Datasheet HTML 70Page - STMicroelectronics SPC574K72E5 Datasheet HTML 71Page - STMicroelectronics SPC574K72E5 Datasheet HTML 72Page - STMicroelectronics SPC574K72E5 Datasheet HTML 73Page - STMicroelectronics SPC574K72E5 Datasheet HTML 74Page - STMicroelectronics SPC574K72E5 Datasheet HTML 75Page - STMicroelectronics SPC574K72E5 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
Electrical characteristics
SPC574Kxx
72/127
DocID023601 Rev 5
The following supplies are involved:
HV—High voltage external power supply for voltage regulator module. This must be
provided externally through VDD_HV_PMC/VDD_HV_IO_MAIN power pin.
BV—High voltage external power supply for internal ballast module. This must be
provided externally through VDD_HV_PMC/VDD_HV_IO_MAIN power pins.
LV—Low voltage internal power supply for core, PLL and Flash digital logic. This is
generated by the internal voltage regulator but provided externally to allow connection
to a stability capacitor. It is further split into three main domains to ensure noise
isolation between critical LV modules:
–
LV_COR—Low voltage supply for the core. It is also used to provide supply
LV_PLL through double bonding.
–
LV_FLA—Low voltage supply for code flash module. It is supplied with dedicated
ballast and shorted to LV_COR through double bonding.
–
LV_PLL—Low voltage supply for PLL0. It is shorted to LV_COR through double
bonding.
Table 36. Device Power Supply Integration
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
CREG
SR D Internal voltage regulator stability
external capacitance
—1.3
2(3)
—µF
RREG
SR D Stability capacitor equivalent serial
resistance
Total resistance including
board track
——
50
m
CDECREGn SR D Internal voltage regulator
decoupling external capacitance
VDD_LV/VSS pair
30
100
—
nF
RDECREGn SR D Stability capacitor equivalent serial
resistance
——
—
50
m
CDECBV
SR D Relay capacitance for ballast
power-up
—3
4(4)
—µF
CDECHV
SR D Decoupling capacitance regulator
supply
VDD_HV_IO_MAIN/VSS pair
30
100
—
nF
VMREG
CC P Main regulator output voltage
Before trimming
1.14
1.28
1.4(5)
V
P
After trimming
1.14
1.28
1.32
IDDMREG
SR P Main regulator current provided to
VDD_LV domain
—
—
—
350
mA
IDDCLAMP CC D Main regulator rush current sinked
from VDD_HV_IO_MAIN domain
during VDD_LV external
capacitance loading
Power-up condition
200
—
1500
mA
IDD
MREG
SR T Main regulator current variation
20 µs observation
window
–60
—
60
mA
IMREGINT
CC D Main regulator current
consumption
IMREG = 300 mA
—
—
3.5
mA
D
IMREG = 0 mA
—
—
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com