Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574K72E5 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 21Page - STMicroelectronics SPC574K72E5 Datasheet HTML 22Page - STMicroelectronics SPC574K72E5 Datasheet HTML 23Page - STMicroelectronics SPC574K72E5 Datasheet HTML 24Page - STMicroelectronics SPC574K72E5 Datasheet HTML 25Page - STMicroelectronics SPC574K72E5 Datasheet HTML 26Page - STMicroelectronics SPC574K72E5 Datasheet HTML 27Page - STMicroelectronics SPC574K72E5 Datasheet HTML 28Page - STMicroelectronics SPC574K72E5 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 127 page
background image
DocID023601 Rev 5
25/127
SPC574Kxx
Electrical characteristics
126
3.5
Operating conditions
The following table describes the operating conditions for the device for which all
specifications in the datasheet are valid, except where explicitly noted.
The device operating conditions must not be exceeded or the functionality of the device is
not guaranteed.
3.
This parameter tested in conformity with ANSI/ESD STM5.1-2007 Electrostatic Discharge Sensitivity Testing
4.
This parameter tested in conformity with ANSI/ESD STM5.3-1990 Charged Device Model - Component Level
Table 9. Device operating conditions(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Frequency
fSYS
SR
C Device operating
frequency(2)
TJ40 °C to
150 °C
——
160
MHz
fLBIST
SR
C Self-test operating
frequency
TJ40 °C to
150 °C
——
20
MHz
Temperature
TJ
SR
P
Junction
Temperature
–40.0
—
150.0
°C
TA (TL to TH)
SR
P
Ambient temperature
–40.0
—
125.0
°C
Voltage
VDD_LV
CC
P
Core supply voltage
measured at external
pin(3),(4)
Refer to Section 3.15: Power management: PMC,
POR/LVD, sequencing
V
VDD_HV_IO_MAIN
SR
P
I/O supply voltage
LVD400/HVD600
enabled
4.5
—
5.5
V
C
LVD400/HVD600
disabled (5),(6),(7)
4.0
—
5.9
C
3.0
—
5.9
VDD_HV_IO_JTAG
SR
P
JTAG I/O supply
voltage(8)
5 V range
4.5
—
5.5
V
C
3.3 V range
3.0
—
3.6
C
5 V range
4.0
—
5.9
VDD_HV_IO_FLEX
SR
P
FlexRay I/O supply
voltage
5 V range
4.5
—
5.5
V
C
3.3 V range
3.0
—
3.6
VDD_HV_PMC
(9)
SR
P
Power Management
Controller (PMC)
supply voltage
Full functionality
4.5
—
5.5
V
C
3.0
—
5.5
VDD_HV_FLA
(10),
(11)
CC
P
Flash core voltage
—
3.0
—
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com