Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB3J Datasheet(PDF) 15 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STBB3J Datasheet HTML 11Page - STMicroelectronics STBB3J Datasheet HTML 12Page - STMicroelectronics STBB3J Datasheet HTML 13Page - STMicroelectronics STBB3J Datasheet HTML 14Page - STMicroelectronics STBB3J Datasheet HTML 15Page - STMicroelectronics STBB3J Datasheet HTML 16Page - STMicroelectronics STBB3J Datasheet HTML 17Page - STMicroelectronics STBB3J Datasheet HTML 18Page - STMicroelectronics STBB3J Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DocID025263 Rev 5
15/25
STBB3J
General description
7
General description
The STBB3J is a high efficiency dual mode buck-boost switch mode converter. Thanks to
the 4 internal switches, 2 P-channels and 2 N-channels, it is able to deliver a well-regulated
output voltage using a variable input voltage which can be higher than, equal to, or lower
than the desired output voltage. This solves most of the power supply problems that circuit
designers face when dealing with battery-powered equipment.
The controller uses a peak current mode technique in order to obtain good stability in all
possible conditions of input voltage, output voltage and output current. In addition, the peak
inductor current is monitored to avoid saturation of the coil.
The STBB3J can work in two different modes: PWM mode or power save mode. Top-class
line and load transients are achieved thanks to a feed-forward technique and due to the
innovative control method specifically designed to optimize the performances in the buck-
boost region where input voltage is very close to the output voltage.
The STBB3J is self-protected from short-circuit and overtemperature. Undervoltage lockout
and soft-start guarantee proper operation during startup.
Input voltage and ground connections are split into power and signal pins. This allows
reduction of internal disturbances when the 4 internal switches are working. The switch
bridge is connected between the VIN and PGND pins while all logic blocks are connected
between VINA and GND.
7.1
Dual mode operation
The STBB3J works in PWM mode or in power save mode (PS) according to the different
status of the MODE pin. If the MODE pin is pulled high the device works in PWM only. In this
case the device operates at 2 MHz fixed frequency pulse width modulation (PWM mode) in
all line/load conditions. In this condition, the STBB3J provides the best dynamic
performance. If the MODE pin is pulled low, at low average current the STBB3J enters PS
mode allowing very low power consumption and therefore obtaining very good efficiency
event at light load. When the average current increases, the device automatically switches
to PWM mode in order to deliver the power needed by the load. In PS mode the STBB3J
implements a burst mode operation: if the output voltage increases above its nominal value
the device stops switching; as soon the VOUT falls below the nominal value the device
restarts switching with a programmed average current higher than the one needed by the
load. Figure 25 shows PS mode operation areas vs. output current in typical application
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com