Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB3J Datasheet(PDF) 17 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STBB3J Datasheet HTML 13Page - STMicroelectronics STBB3J Datasheet HTML 14Page - STMicroelectronics STBB3J Datasheet HTML 15Page - STMicroelectronics STBB3J Datasheet HTML 16Page - STMicroelectronics STBB3J Datasheet HTML 17Page - STMicroelectronics STBB3J Datasheet HTML 18Page - STMicroelectronics STBB3J Datasheet HTML 19Page - STMicroelectronics STBB3J Datasheet HTML 20Page - STMicroelectronics STBB3J Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DocID025263 Rev 5
17/25
STBB3J
Application information
7.4.3
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 160 °C (typ.), the device stops operating. As soon as the temperature
falls below 140 °C (typ.), normal operation is restored.
8
Application information
8.1
Programming the output voltage
The external resistor divider must be connected between VOUT and GND and the middle
point of the divider must be connected to FB.
The value for the resistor R2, placed between FB and GND, should be chosen in order to
set the divider current at 1 µA. The recommended value for this resistor is in the range of
500 k
Ω but to reduce the power consumption a maximum value of 200 kΩ can be used.
The value of the resistor R1, connected between VOUT and FB, is function of the output
voltage and can be calculated using the equation 1:
Equation 1
Figure 26. Application schematic
8.2
Inductor selection
The inductor is the key passive component for switching converters. With a buck-boost
device, the inductor selection must take into consideration the following two conditions in
which the converter works:
as buck region at the maximum input voltage
as boost region at the minimum input voltage
Two critical inductance values are then obtained according to the following formulas:
R1
R2
V
OUT
V
FB
--------------
1


×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com